Electronic Components Datasheet Search
  English  ▼

X  

AD8235 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8235
Description  40 關A Micropower Instrumentation Amplifier in WLCSP Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8235 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8235 Datasheet HTML 6Page - Analog Devices AD8235 Datasheet HTML 7Page - Analog Devices AD8235 Datasheet HTML 8Page - Analog Devices AD8235 Datasheet HTML 9Page - Analog Devices AD8235 Datasheet HTML 10Page - Analog Devices AD8235 Datasheet HTML 11Page - Analog Devices AD8235 Datasheet HTML 12Page - Analog Devices AD8235 Datasheet HTML 13Page - Analog Devices AD8235 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8235
Rev. 0 | Page 10 of 20
0
1
0.1
FREQUENCY (Hz)
10
100
1k
10k
100k
120
100
80
60
40
20
GAIN = 5
GAIN = 10
GAIN = 100
GAIN = 200
120
100
80
60
40
20
Figure 11. Negative PSRR vs. Frequency, RTI, VS = ±0.9 V, ±2.5 V, VREF = 0 V
0
10
1
0.1
100k
FREQUENCY (Hz)
100
1k
10k
–10
–5
0
5
10
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 14. Change in CMRR vs. Temperature, G = 5, Normalized at 25°C
60
–40
10
1M
FREQUENCY (Hz)
GAIN = 5
GAIN = 10
GAIN = 100
GAIN = 200
120
100
80
60
40
20
Figure 12. CMRR vs. Frequency, RTI
0
0.1
1
100k
FREQUENCY (Hz)
10
100
1k
10k
GAIN = 5
GAIN = 10
GAIN = 100
GAIN = 200
Figure 13. CMRR vs. Frequency, 1 kΩ Source Imbalance, RTI
100
1k
10k
100k
50
40
30
20
10
0
–10
–20
–30
GAIN = 200
GAIN = 100
GAIN = 10
GAIN = 5
Figure 15. Gain vs. Frequency, VS = 1.8 V, 5 V
0
1
10
100
1k
10k
100k
FREQUENCY (Hz)
1
2
3
4
5
6
Figure 16. Maximum Output Voltage vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com