Electronic Components Datasheet Search
  English  ▼

X  

AD8235 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8235
Description  40 關A Micropower Instrumentation Amplifier in WLCSP Package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8235 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8235 Datasheet HTML 10Page - Analog Devices AD8235 Datasheet HTML 11Page - Analog Devices AD8235 Datasheet HTML 12Page - Analog Devices AD8235 Datasheet HTML 13Page - Analog Devices AD8235 Datasheet HTML 14Page - Analog Devices AD8235 Datasheet HTML 15Page - Analog Devices AD8235 Datasheet HTML 16Page - Analog Devices AD8235 Datasheet HTML 17Page - Analog Devices AD8235 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8235
Rev. 0 | Page 14 of 20
THEORY OF OPERATION
RG
RG
RG
REF
VOUT
210kΩ
210kΩ
52.5kΩ
52.5kΩ
AD8235
–IN
+IN
B3
C3
+VS
A1
–VS
D1
A3
D3
B1
SDN
A2
C1
NC B2
NC D2
ESD
PROTECTION
ESD
PROTECTION
ESD
PROTECTION
ESD
PROTECTION
ESD
PROTECTION
ESD
PROTECTION
OP AMP
A
OP AMP
B
Figure 35. Simplified Schematic
The AD8235 is a monolithic, two-op amp instrumentation
amplifier. It is designed for low power, portable applications
where size and low quiescent current are paramount. The
AD8235 is offered in a WLCSP package, minimizing layout
area. Additional features that make this part optimal for
portable applications include a rail-to-rail input and output
stage that offers more dynamic range when operating on low
voltage batteries. Unlike traditional rail-to-rail input amplifiers
that use a complementary differential pair stage and suffer from
nonlinearity, the AD8235 uses a novel architecture to internally
boost the supply rail, allowing the amplifier to operate rail-to-
rail yet still deliver a low 0.5 ppm of nonlinearity. In addition,
the two-op amp instrumentation amplifier architecture offers a
wide operational common-mode voltage range. Additional
information is provided in the Common-Mode Input Voltage
Range section. Precision, laser-trimmed resistors provide the
AD8235 with a high CMRR of 90 dB (minimum) at G = 5 and
gain accuracy of 0.05% (maximum).
AD8235
RG
+IN
+VS
5V
0.1µF
–VS
VINP
SDN
GAIN SETTING
RESISTOR
VINM
OUT
REF
VREF
VOUT
RG
–IN
BASIC OPERATION
The AD8235 amplifies the difference between its positive input
(+IN) and its negative input (−IN). The REF pin allows the user
to level-shift the output signal. This is convenient when interfacing
to a filter or analog-to-digital converter (ADC). The basic setup
is shown in Figure 36. Figure 39 shows an example configuration
for operating the AD8235 with dual supplies. The equation for
the AD8235 is as follows:
VOUT = G × (VINP − VINM) + VREF
If no gain setting resistor is installed, the default gain, G, is 5.
The Gain Selection section describes how to program the gain, G.
Figure 36. Basic Setup
GAIN SELECTION
Placing a resistor across the RG terminals sets the gain of the
AD8235. The gain may be derived by referring to Table 6 or by
using the following equation:
5
kΩ
420
−
=
G
R
G
Table 6. Gains Achieved Using 1% Resistors
1% Standard Table Value of RG (kΩ)
Calculated Gain
422
6.0
210
7.0
140
8.0
105
9.0
84.5
10.0
28
20.0
9.31
50.1
4.42
100.0
2.15
200.3
The AD8235 defaults to G = 5 when no gain resistor is used.
Gain accuracy is determined by the absolute tolerance of RG.
The TC of the external gain resistor increases the gain drift of
the instrumentation amplifier. Gain error and gain drift are at
a minimum when the gain resistor is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com