Electronic Components Datasheet Search
  English  ▼

X  

PA2003 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # PA2003
Description  Ultra Linear Driver Amplifier 1800 to 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PA2003 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  PA2003 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PA2003 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Ultra Linear Driver Amplifier
1800 to 2000 MHz
Rev. V4
PA2003
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• LOW NOISE FIGURE: 2.7 dB (TYP.)
• GAIN: 21 dB (TYP.)
• HIGH P1dB: +32.5 dBm (TYP.)
• HIGH IP3: +46 dBm (TYP.)
• BROADBAND RESPONSE: 1.5 GHz TO 2.2 GHz (TYP.)
Description
The PA2003 is a discrete hybrid design, which uses thick film
solder manufacturing processes for accurate performance and high
reliability.
This 2 stage GaAS FET transistor design uses feedback loops for
flat broadband linear performance, with low noise figure.
The model is particularly suited for power driver applications used
in the base station & repeater infrastructure, and for commercial &
military radios.
Electrical Specifications: Z0 = 50Ω, VCC = +12 VDC
Parameter
Units
Typical
Gurarnteed
25ºC
0ºC to +70ºC
Frequency
MHz
1800-2000
1800-2000
Small Signal Gain (min)
dB
21.3
19.0
Gain Flatness (max)
dB
+ 0.25
+ 0.5
Noise Figure (max)
dB
2.7
3.3
Reverse Isolation
dB
37.0
Power Output
@ 1.0 dB Comp. (min.)
dBm
+32.5
+31.5
Output IP3
dBm
+46.0
VSWR Input / Output (max.)
1.6:1 / 1.8:1
2.0:1 / 2.0:1
DC Current
@ +12 Volts (max.)
mA
495
520
Product Image
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-40ºC to +85ºC
Operation Base Temperature
+70ºC
Max. DC Voltage
+15 Vdc
Max. Continuous RF Input Power
+15 dBm
Ordering Information
Part Number
Package
PA2003
Flange Mount Carrier
Thermal Data: VCC = +12 VDC
Parameter
Rating
Thermal Resistance θjc
22ºC/W
Junction Temperature Rise Above Case Tjc
51ºC


Similar Part No. - PA2003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA2003 MACOM-PA2003 Datasheet
230Kb / 2P
Ultra Linear Driver Amplifier 1800 to 2000 MHz
More results

Similar Description - PA2003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA1110 MACOM-PA1110 Datasheet
38Kb / 1P
1800-2000 MHz.Ultra Linear Power Amplifier
PA1132 MACOM-PA1132 Datasheet
37Kb / 1P
1800-2000 MHz. Linear Power Amplifier
PA1152 MACOM-PA1152 Datasheet
34Kb / 1P
1800 -2000 MHz. Ultra Low Noise Linear Power Amplifier
PA1153 MACOM-PA1153 Datasheet
34Kb / 1P
1800 -2000 MHz. Low Noise Linear Power Amplifier
PA1214 MACOM-PA1214 Datasheet
58Kb / 2P
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA1219 MACOM-PA1219 Datasheet
46Kb / 2P
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
PA2001 MACOM-PA2001 Datasheet
237Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
PA2003 MACOM-PA2003 Datasheet
230Kb / 2P
Ultra Linear Driver Amplifier 1800 to 2000 MHz
logo
M/A-COM Technology Solu...
PA1132 MA-COM-PA1132 Datasheet
116Kb / 2P
Ultra Linear Driver Amplifier - 2 Watts 1800 to 2000 MHz
PA2001 MA-COM-PA2001 Datasheet
107Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com