Electronic Components Datasheet Search
  English  ▼

X  

PA2003 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # PA2003
Description  Ultra Linear Driver Amplifier 1800 to 2000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

PA2003 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  PA2003 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. PA2003 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Ultra Linear Driver Amplifier
1800 to 2000 MHz
Rev. V4
PA2003
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
GAIN
20.0
21.0
22.0
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
FREQUENCY - GHz
VSWR
1.0
1.5
2.0
2.5
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
FREQUENCY - GHz
Input V SWR
Out put V SWR
NOISE FIGURE
2.5
2.7
2.9
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
FREQUENCY - GHz
POWER OUTPTUT*
31.0
32.0
33.0
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
FREQUENCY (GHZ)
@ 1.0 dB Gain Compression
THIRD ORDER INTERCEPT POINT*
44.0
45.0
46.0
47.0
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
FREQUENCY (GHZ)
* Output Pow er = +15 dBm
Typical Performance Curves at +25°C
Outline Drawing: Flange Mount Carrier *
M/A-COM
STD. OUTLINE
PIN#
FUNCTION
1
RF IN
2
GROUND
3
Vcc
4
GROUND
5
RF OUT
1.70
1.45
1.06
.56
.
08 MIN.
.12
.15
.10 x 45
o
(4 CORNERS)
.725
.42
.09
.010 TYP.
.02 TYP.
.20 TYP.
.46
.23
PIN PIN PIN PIN PIN
1
2
3
4
5
∗ Dimensions are inches + 0.015 unless otherwise specified.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com