Electronic Components Datasheet Search
  English  ▼

X  

AD9548BCPZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9548BCPZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548BCPZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9548BCPZ Datasheet HTML 36Page - Analog Devices AD9548BCPZ Datasheet HTML 37Page - Analog Devices AD9548BCPZ Datasheet HTML 38Page - Analog Devices AD9548BCPZ Datasheet HTML 39Page - Analog Devices AD9548BCPZ Datasheet HTML 40Page - Analog Devices AD9548BCPZ Datasheet HTML 41Page - Analog Devices AD9548BCPZ Datasheet HTML 42Page - Analog Devices AD9548BCPZ Datasheet HTML 43Page - Analog Devices AD9548BCPZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 112 page
background image
AD9548
Rev. 0 | Page 40 of 112
which handles input signals up to 800 MHz. To select the high
frequency receiver, write a Logic 1 to Register 0400, Bit 4.
Super-Nyquist operation requires a band-pass filter at the DAC
output instead of the usual low-pass reconstruction filter.
Super-Nyquist operation is viable as long as the image
frequency does not exceed the 800 MHz input range of the
receiver. Furthermore, to provide acceptable jitter performance,
which is a consideration for image signals with low amplitude,
the signal at the CLKINx input must meet the minimum slew
rate requirements.
Clock Dividers
The output clock distribution dividers are referred to as Q0 to
Q3, corresponding to the OUT0 to OUT3 output channels,
respectively. Each divider is programmable with 30 bits of
division depth. The actual divider ratio is one more than the
programmed register value; therefore, a register value of 3, for
example, results in a divide ratio of 4. Thus, each divider offers a
range of divide ratios from 1 to 230 (1 to 1,073,741,824).
With an even divide ratio, the output signal always exhibits a
50% duty cycle. When the clock divider is bypassed (a divide
ratio of 1), the output duty cycle is the same as the input duty
cycle. Odd output divide ratios (excluding 1) exhibit automatic
duty cycle correction given by
N
X
N
Cycle
Duty
Output
2
1
2
−
+
=
where N (which must be an odd number) is the divide ratio and
X is the normalized fraction of the high portion of the input
period (that is, 0 < X < 1).
For example, if N = 5 and the input duty cycle is 20% (X = 0.2),
then the output duty cycle is 44%. Note that, when the user
programs an output as noninverting, then the device adjusts the
falling edge timing to accomplish the duty cycle correction.
Conversely, the device adjusts the rising edge timing for an
inverted output.
Output Power-Down
Each of the output channels offers independent control of
power-down functionality via the distribution settings register
(Address 0400). Each output channel has a dedicated power-
down bit for powering down the output driver. However, if all
four outputs are powered down, the entire distribution output
enters a deep sleep mode.
Even though each channel has a channel power-down control
signal, it may sometimes be desirable to power down an output
driver while maintaining the divider’s synchronization with the
other channel dividers. This is accomplished by either of the
following methods:
•
In CMOS mode, use the divider output enable control bit
to stall an output. This provides power savings while
maintaining dc drive at the output.
•
In LVDS/LVPECL mode, place the output in tristate mode
(this works in CMOS mode as well).
Output Enable
Each of the output channels offers independent control of enable/
disable functionality via the distribution enable register
(Address 0401). The distribution outputs use synchronization
logic to control enable/disable activity to avoid the production
of runt pulses and ensure that outputs with the same divide
ratios become active/inactive in unison.
Output Mode
The user has independent control of the operating mode of
each of the four output channels via the distribution channel
modes register (Address 0404 to Address 0407). The operating
mode control includes
•
Logic family and pin functionality
•
Output drive strength
•
Output polarity
The three least significant bits of each of the four distribution
channel mode registers comprise the mode bits. The mode
value selects the desired logic family and pin functionality of an
output channel, as given in Table 23.
Table 23. Output Channel Logic Family and Pin
Functionality
Mode Bits [2:0]
Logic Family and Pin Functionality
000
CMOS (both pins)
001
CMOS (positive pin); tristate (negative pin)
010
Tristate (positive pin); CMOS (negative pin)
011
Tristate (both pins)
100
LVDS
101
LVPECL
110
Unused
111
Unused
Regardless of the selected logic family, each is capable of dc
operation. However, the upper frequency is limited by the load
conditions, drive strength, and impedance matching inherent in
each logic family. Practical limitations set the maximum CMOS
frequency to approximately 250 MHz, whereas LVPECL and
LVDS are capable of 725 MHz.
In addition to the three mode bits, each of the four distribution
channel mode registers includes the following control bits:
•
Polarity invert
•
CMOS phase invert
•
Drive strength
The polarity invert bit enables the user to choose between
normal polarity and inverted polarity. Normal polarity is the
default state. Inverted polarity reverses the representation of
Logic 0 and Logic 1 regardless of the logic family.
The CMOS phase invert bit applies only when the mode bits
select the CMOS logic family. In CMOS mode, both output pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com