Electronic Components Datasheet Search
  English  ▼

X  

AD9548BCPZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9548BCPZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548BCPZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9548BCPZ Datasheet HTML 41Page - Analog Devices AD9548BCPZ Datasheet HTML 42Page - Analog Devices AD9548BCPZ Datasheet HTML 43Page - Analog Devices AD9548BCPZ Datasheet HTML 44Page - Analog Devices AD9548BCPZ Datasheet HTML 45Page - Analog Devices AD9548BCPZ Datasheet HTML 46Page - Analog Devices AD9548BCPZ Datasheet HTML 47Page - Analog Devices AD9548BCPZ Datasheet HTML 48Page - Analog Devices AD9548BCPZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 112 page
background image
AD9548
Rev. 0 | Page 45 of 112
Bits[6:0]
Value
Output Function
Destination Proxy
5
Tuning word history reset
Register 0A03, Bit 2
6 to 15
Unused
16
Holdover
Register 0A01, Bit 6
17
Free run
Register 0A01, Bit 5
18
Reset incremental phase
offset
Register 0A0C, Bit 2
19
Increment incremental
phase offset
Register 0A0C, Bit 0
20
Decrement incremental
phase offset
Register 0A0C, Bit 1
21 to 31
Unused
32
Override Reference
Monitor A
Register 0A0F, Bit 0
33
Override Reference
Monitor AA
Register 0A0F, Bit 1
34
Override Reference
Monitor B
Register 0A0F, Bit 2
35
Override Reference
Monitor BB
Register 0A0F, Bit 3
36
Override Reference
Monitor C
Register 0A0F, Bit 4
37
Override Reference
Monitor CC
Register 0A0F, Bit 5
38
Override Reference
Monitor D
Register 0A0F, Bit 6
39
Override Reference
Monitor DD
Register 0A0F, Bit 7
40 to 47
Unused
48
Force validation
Timeout A
Register 0A0E, Bit 0
49
Force validation
Timeout AA
Register 0A0E, Bit 1
50
Force validation
Timeout B
Register 0A0E, Bit 2
51
Force validation
Timeout BB
Register 0A0E, Bit 3
52
Force validation
Timeout C
Register 0A0E, Bit 4
53
Force validation
Timeout CC
Register 0A0E, Bit 5
54
Force validation
Timeout D
Register 0A0E, Bit 6
55
Force validation
Timeout DD
Register 0A0E, Bit 7
56 to 63
Unused
64
Enable OUT0
Register 0401, Bit 0
65
Enable OUT1
Register 0401, Bit 1
66
Enable OUT2
Register 0401, Bit 2
67
Enable OUT3
Register 0401, Bit 3
68
Enable OUT0, OUT1,
OUT2, OUT3
Register 0401,
Bits[3:0]
69
Sync clock distribution
outputs
Register 0A02, Bit 1
70 to 127
Unused
If more than one multifunction pin operates on the same
control signal, then internal priority logic ensures that only one
multifunction pin serves as the signal source. The selected pin is
the one with the lowest numeric suffix. For example, if both M3
and M7 operate on the same control signal, then M3 is used as
the signal source and the redundant pins are ignored.
At power-up, the multifunction pins can be used to force the
device into certain configurations as defined in the initial pin
programming section. This functionality, however, is valid only
during power-up or following a reset, after which the pins can
be reconfigured via the serial programming port or via the
EEPROM.
IRQ PIN
The AD9548 has a dedicated interrupt request (IRQ) pin. The
IRQ pin output mode register (Register 0208, Bits[1:0]) controls
how the IRQ pin asserts an interrupt based on the value of the
two bits, as follows:
00—The IRQ pin is high impedance when deasserted and active
low when asserted and requires an external pull-up resistor
(this is the default operating mode).
01—The IRQ pin is high impedance when deasserted and active
high when asserted and requires an external pull-down
resistor.
10—The IRQ pin is Logic 0 when deasserted and Logic 1 when
asserted.
11—The IRQ pin is Logic 1 when deasserted and Logic 0 when
asserted.
The AD9548 asserts the IRQ pin whenever any of the bits in the
IRQ monitor register (Address 0D02 to Address 0D09) are
Logic 1. Each bit in this register is associated with an internal
function capable of producing an interrupt. Furthermore, each
bit of the IRQ monitor register is the result of a logical AND of
the associated internal interrupt signal and the corresponding
bit in the IRQ mask register (Address 0209 to Address 0210).
That is, the bits in the IRQ mask register have a one-to-one
correspondence with the bits in the IRQ monitor register.
Whenever an internal function produces an interrupt signal
and the associated IRQ mask bit is set, then the corresponding
bit in the IRQ monitor register is set. The user should be aware
that clearing a bit in the IRQ mask register removes only the
mask associated with the internal interrupt signal. It does not
clear the corresponding bit in the IRQ monitor register.
The IRQ pin is the result of a logical OR of all the IRQ monitor
register bits. Thus, the AD9548 asserts the IRQ pin so long as
any of the IRQ monitor register bits are Logic 1. Note that it is
possible to have multiple bits set in the IRQ monitor register.
Therefore, when the AD9548 asserts the IRQ pin, it may
indicate an interrupt from several different internal functions.
The IRQ monitor register provides the user with a means to
interrogate the AD9548 to determine which internal function(s)
produced the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com