Electronic Components Datasheet Search
  English  ▼

X  

AD9548BCPZ Datasheet(PDF) 104 Page - Analog Devices

Part # AD9548BCPZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548BCPZ Datasheet(HTML) 104 Page - Analog Devices

Back Button AD9548BCPZ Datasheet HTML 100Page - Analog Devices AD9548BCPZ Datasheet HTML 101Page - Analog Devices AD9548BCPZ Datasheet HTML 102Page - Analog Devices AD9548BCPZ Datasheet HTML 103Page - Analog Devices AD9548BCPZ Datasheet HTML 104Page - Analog Devices AD9548BCPZ Datasheet HTML 105Page - Analog Devices AD9548BCPZ Datasheet HTML 106Page - Analog Devices AD9548BCPZ Datasheet HTML 107Page - Analog Devices AD9548BCPZ Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 112 page
background image
AD9548
Rev. 0 | Page 104 of 112
Table 151. EEPROM Storage Sequence for Operational Control Settings
Address
Bits
Bit Name
Description
0E2F
[7:0]
Operational controls
The default value of this register is 0x10, which the controller interprets as a data
instruction. Its decimal value is 16, which this tells the controller to transfer 17 bytes of
data (16 + 1) beginning at the address specified by the next two bytes. The controller
stores 0x10 in the EEPROM and increments the EEPROM address pointer.
0E30
[7:0]
Operational controls
The default value of these two registers is 0x0A00. Note that Register 0E30 and
Register 0E31 are the most significant and least significant bytes of the target
address, respectively. Because the previous register contains a data instruction,
these two registers define a starting address (in this case, 0x0A00). The controller
stores 0x0A00 in the EEPROM and increments the EEPROM pointer by 2. It then
transfers 17 bytes from the register map (beginning at Address 0x0A00) to the
EEPROM and increments the EEPROM address pointer by 18 (17 data bytes and
one checksum byte). The 17 bytes transferred correspond to the operational
controls parameters in the register map.
0E31
[7:0]
0E32
[7:0]
I/O update
The default value of this register is 0x80, which the controller interprets as an I/O
update instruction. The controller stores 0x80 in the EEPROM and increments the
EEPROM address pointer.
Table 152. EEPROM Storage Sequence for End of Data
Address
Bits
Bit Name
Description
0E33
[7:0]
End of data
The default value of this register is 0xFF, which the controller interprets as an end
instruction. The controller stores this instruction in the EEPROM, resets the EEPROM
address pointer, and enters an idle state. Note that, if this were a pause rather than an
end instruction, the controller actions would be the same except that the controller
would not reset the EEPROM address pointer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com