Electronic Components Datasheet Search
  English  ▼

X  

ADL5380 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5380
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5380 Datasheet HTML 12Page - Analog Devices ADL5380 Datasheet HTML 13Page - Analog Devices ADL5380 Datasheet HTML 14Page - Analog Devices ADL5380 Datasheet HTML 15Page - Analog Devices ADL5380 Datasheet HTML 16Page - Analog Devices ADL5380 Datasheet HTML 17Page - Analog Devices ADL5380 Datasheet HTML 18Page - Analog Devices ADL5380 Datasheet HTML 19Page - Analog Devices ADL5380 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADL5380
Rev. 0 | Page 16 of 36
–16
–14
–12
–10
–8
–6
–4
–2
–0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
LO FREQUENCY (GHz)
Figure 45. LO Port Return Loss vs. LO Frequency Measured on
Characterization Board Through Johanson Technology 5400 Balun



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com