Electronic Components Datasheet Search
  English  ▼

X  

ADL5380 Datasheet(PDF) 27 Page - Analog Devices

Part # ADL5380
Description  400 MHz to 6 GHz Quadrature Demodulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5380 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADL5380 Datasheet HTML 23Page - Analog Devices ADL5380 Datasheet HTML 24Page - Analog Devices ADL5380 Datasheet HTML 25Page - Analog Devices ADL5380 Datasheet HTML 26Page - Analog Devices ADL5380 Datasheet HTML 27Page - Analog Devices ADL5380 Datasheet HTML 28Page - Analog Devices ADL5380 Datasheet HTML 29Page - Analog Devices ADL5380 Datasheet HTML 30Page - Analog Devices ADL5380 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
ADL5380
Rev. 0 | Page 27 of 36
.5
A complete design example is shown in Figure 91. A sixth-order
Butterworth differential filter having a 1.9 MHz corner frequency
interfaces the output of the ADL5380 to that of an ADC input.
The 500 Ω load resistor defines the input impedance of the
ADC. The filter adheres to typical direct conversion W-CDMA
applications where, 1.92 MHz away from the carrier IF frequency,
1 dB of rejection is desired, and, 2.7 MHz away from the carrier IF
frequency, 10 dB of rejection is desired.
Figure 89 and Figure 90 show the measured frequency response
and group delay of the filter.
10
5
–20
–15
–10
–5
0
03
3.0
2.5
2.0
1.5
1.0
0.5
FREQUENCY (MHz)
900
800
700
600
500
400
300
200
100
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FREQUENCY (MHz)
Figure 90. Sixth-Order Baseband Filter Group Delay
Figure 89. Sixth-Order Baseband Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com