Electronic Components Datasheet Search
  English  ▼

X  

ADM2914 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM2914
Description  Quad UV/OV Positive/Negative Voltage Supervisor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2914 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM2914 Datasheet HTML 7Page - Analog Devices ADM2914 Datasheet HTML 8Page - Analog Devices ADM2914 Datasheet HTML 9Page - Analog Devices ADM2914 Datasheet HTML 10Page - Analog Devices ADM2914 Datasheet HTML 11Page - Analog Devices ADM2914 Datasheet HTML 12Page - Analog Devices ADM2914 Datasheet HTML 13Page - Analog Devices ADM2914 Datasheet HTML 14Page - Analog Devices ADM2914 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADM2914
Rev. 0 | Page 11 of 16
Next, consider a −12 V input, which is specified with a ±20%
input. The threshold accuracy required by the supply is chosen
to be within ±5% of the −12 V rail. Therefore, the overvoltage
threshold is set to −13.5 V, and the undervoltage threshold is
−10.5 V. The negative voltage scheme configuration requires
that the 1 V reference voltage be accounted for in Equation 1 to
Equation 3. The 1 V reference voltage is subtracted from VM,
VUV, and VOV, and the absolute value of the result is taken.
Equation 1 becomes
(
)
(
)
(
)
kΩ
8
.
89
10
5
1
5
.
13
1
12
)
5
.
0
(
6
≈
×
−
−
−
−
=
−
Z
R
Insert the value of RZ into Equation 2.
(
)
(
)
(
)
kΩ
4
.
23
kΩ
8
.
89
10
5
1
5
.
10
1
12
)
5
.
0
(
6
≈
−
×
−
−
−
−
=
−
Y
R
To calculate RX, insert the value of RZ and RY into Equation 3.
(
) (
) (
)
MΩ
49
.
2
kΩ
4
.
23
kΩ
8
.
89
10
5
1
12
6
≈
−
−
×
−
−
=
−
X
R
POWER-UP AND POWER-DOWN
On power-up, when VCC reaches 1 V, the active low UV output
is asserted, and the OV output pulls up to VCC. When the vol-
tage on the VCC pin reaches 1 V, the ADM2914 is guaranteed to
assert UV low and OV high. When VCC exceeds 1.9 V (minimum),
the VHx and VLx inputs take control. When VCC and each of
the VHx inputs are valid, an internal timer begins. Subsequent
to an adjustable time delay, UV weakly pulls high.
UV/OV TIMING CHARACTERISTICS
UV is an active low output. It is asserted when any of the four
monitored voltages is below its associated threshold. When the
voltage on the VCC pin is above 2 V, an internal timer holds
UV low for an adjustable period, tUOTO, after the voltage on all
the monitoring rails rises above their thresholds. This allows
time for all monitored power supplies to stabilize after power-
up. Similarly, any monitored voltage that falls below its threshold
initiates a timer reset, and the timer starts again when all the
monitoring rails rise above their thresholds.
The UV and
TIMER CAPACITOR SELECTION
OV outputs are held asserted after all faults have
cleared for an adjustable timeout period, determined by the
value of the external capacitor attached to the TIMER pin.
The UV and
F/sec
)
10
)(
115
)(
(
9
−
=
UOTO
TIMER
t
C
OV timeout period on the ADM2914 is programma-
ble via the external timer capacitor, CTIMER, placed between the
TIMER pin and ground. The timeout period, tUOTO, is calculated
using the following equation:
Refer to Figure 15 in the Typical Performance Characteristics
section, which illustrates the delay time as a function of the
timer capacitor value. A minimum capacitor value of 10 pF is
required. The chosen timer capacitor must have a leakage current
that is less than the 1.3 µA TIMER pin charging current. To
bypass the timeout period, connect the TIMER pin to VCC.
tUOD
tUOD
tUOD
tUOTO
VHx
UV
VUOT
VUOT
1V
1V
VHx
VHx MONITOR TIMING (TIMER PIN TIED TO VCC)
VHx MONITOR TIMING
UV
WHEN AN INPUT IS CONFIGURED TO MONITOR A NEGATIVE VOLTAGE,
VHx WILL TRIGGER AN OVERVOLTAGE CONDITION.
Figure 21. VHx Positive Voltage Monitoring Timing Diagram
tUOD
tUOD
tUOD
tUOTO
VLx
OV
VUOT
VUOT
1V
1V
VLx
VLx MONITOR TIMING (TIMER PIN TIED TO VCC)
VLx MONITOR TIMING
OV
WHEN AN INPUT IS CONFIGURED TO MONITOR A NEGATIVE VOLTAGE,
VLx WILL TRIGGER AN UNDERVOLTAGE CONDITION.
Figure 22. VLx Positive Voltage Monitoring Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com