Electronic Components Datasheet Search
  English  ▼

X  

ADM2914 Datasheet(PDF) 14 Page - Analog Devices

Part # ADM2914
Description  Quad UV/OV Positive/Negative Voltage Supervisor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2914 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADM2914 Datasheet HTML 8Page - Analog Devices ADM2914 Datasheet HTML 9Page - Analog Devices ADM2914 Datasheet HTML 10Page - Analog Devices ADM2914 Datasheet HTML 11Page - Analog Devices ADM2914 Datasheet HTML 12Page - Analog Devices ADM2914 Datasheet HTML 13Page - Analog Devices ADM2914 Datasheet HTML 14Page - Analog Devices ADM2914 Datasheet HTML 15Page - Analog Devices ADM2914 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADM2914
Rev. 0 | Page 14 of 16
VH1
–48V3
VL1
VH2
VL2
VH3
VL3
VH4
VL4
SEL
TIMER
UV
OV
LATCH/DIS
REF
GND
VCC
ADM2914
–3.3V2
+16V1
+48V1
SYSTEM
PSU
27.1k
Ω
5.56k
Ω
2.87M
Ω
187k
Ω
26.1k
Ω
1.5M
Ω
21.3k
Ω
1.43k
Ω
681k
Ω
117k
Ω
8.45k
Ω
11.5M
Ω
NOTES
11.5% SUPPLY TOLERANCE AND 10% INPUT TOLERANCE REQUIREMENT.
22% SUPPLY TOLERANCE AND 15% INPUT TOLERANCE REQUIREMENT.
34% SUPPLY TOLERANCE AND 15% INPUT TOLERANCE REQUIREMENT.
Figure 25. Typical Application Diagram for Monitoring +48 V, +16 V, −3.3 V, and −48 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com