Electronic Components Datasheet Search
  English  ▼

X  

ADP1612 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1612
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1612 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1612 Datasheet HTML 18Page - Analog Devices ADP1612 Datasheet HTML 19Page - Analog Devices ADP1612 Datasheet HTML 20Page - Analog Devices ADP1612 Datasheet HTML 21Page - Analog Devices ADP1612 Datasheet HTML 22Page - Analog Devices ADP1612 Datasheet HTML 23Page - Analog Devices ADP1612 Datasheet HTML 24Page - Analog Devices ADP1612 Datasheet HTML 25Page - Analog Devices ADP1612 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 22 of 28
SEPIC CONVERTER
ADP1613
6
3
7
8
5
2
1
4
VIN
EN
FREQ
SS
SW
FB
COMP
GND
ON
OFF
VOUT = 20V
VIN = 3.3V TO 5.5V
L1
10µH
CSS
33nF
COUT
10µF
CCOMP
1200pF
RCOMP
8.2k
Ω
R1
150k
Ω
R2
10k
Ω
D1
3A, 40V
CIN
10µF
L1: DO3316P-103ML
D1: MBRA340T3G
R1: RC0805JR-07150KL
R2: CRCW080510K0FKEA
RCOMP: RC0805JR-078K2L
CCOMP: ECL-2VB1H122K
CIN: GRM21BR61C106KE15L
COUT: GRM32DR71E106KA12L
CSS: ECJ-2VB1H333K
Figure 71. ADP1613 Step-Up Regulator Configuration
VOUT = 20 V, fSW = 1.3 MHz
100
90
80
70
60
50
40
30
20
1
10
100
1k
LOAD CURRENT (mA)
VOUT = 20V
fSW = 1.3MHz
TA = 25°C
ADP1613
VIN = 3.3V
VIN = 4.2V
VIN = 5.0V
VIN = 5.5V
Figure 72. ADP1613 Efficiency vs. Load Current
VOUT = 20 V, fSW = 1.3 MHz
VOUT = 20V
fSW = 1.3MHz
T
TIME (100µs/DIV)
OUTPUT VOLTAGE (200mV/DIV)
AC-COUPLED
LOAD CURRENT (50mA/DIV)
Figure 73. ADP1613 50 mA to 150 mA Load Transient (VIN = 5 V)
VOUT = 20 V, fSW = 1.3 MHz
The circuit in Figure 74 shows the ADP1612/ADP1613 in a
single-ended primary inductance converter (SEPIC) topology.
This topology is useful for an unregulated input voltage, such as
a battery-powered application in which the input voltage can vary
between 2.7 V to 5 V and the regulated output voltage falls within
the input voltage range.
The input and the output are dc isolated by a coupling capacitor
(C1). In steady state, the average voltage of C1 is the input voltage.
When the ADP1612/ADP1613 switch turns on and the diode
turns off, the input voltage provides energy to L1 and C1 provides
energy to L2. When the ADP1612/ADP1613 switch turns off
and the diode turns on, the energy in L1 and L2 is released to
charge the output capacitor (COUT) and the coupling capacitor
(C1) and to supply current to the load.
ADP1612/
ADP1613
6
3
7
8
5
2
1
4
VIN
EN
FREQ
SS
SW
FB
COMP
GND
ON
OFF
VOUT = 3.3V
VIN = 2.0V TO 5.5V
L1
DO3316P
4.7µH
CIN
10µF
CSS
COUT
10µF
C1
10µF
RCOMP
82k
Ω
CCOMP
220pF
R1
16.9k
Ω
L2
DO3316P
4.7µH
R2
10k
Ω
MBRA210LT
2A, 10V
Figure 74. SEPIC Converter
TFT LCD BIAS SUPPLY
Figure 75 shows a power supply circuit for TFT LCD module
applications. This circuit has +10 V, −5 V, and +22 V outputs.
The +10 V is generated in the step-up configuration. The −5 V
and +22 V are generated by the charge-pump circuit. During
the step-up operation, the SW node switches between +10 V
and ground (neglecting the forward drop of the diode and on
resistance of the switch). When the SW node is high, C5 charges
up to +10 V. When the SW node is low, C5 holds its charge and
forward-biases D8 to charge C6 to −10 V. The Zener diode (D9)
clamps and regulates the output to −5 V.
The VGH output is generated in a similar manner by the charge-
pump capacitors, C1, C2, and C4. The output voltage is tripled
and regulated down to 22 V by the Zener diode, D5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com