Electronic Components Datasheet Search
  English  ▼

X  

ADP1612 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1612
Description  650 kHz /1.3 MHz Step-Up PWM DC-to-DC Switching Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1612 Datasheet(HTML) 3 Page - Analog Devices

  ADP1612 Datasheet HTML 1Page - Analog Devices ADP1612 Datasheet HTML 2Page - Analog Devices ADP1612 Datasheet HTML 3Page - Analog Devices ADP1612 Datasheet HTML 4Page - Analog Devices ADP1612 Datasheet HTML 5Page - Analog Devices ADP1612 Datasheet HTML 6Page - Analog Devices ADP1612 Datasheet HTML 7Page - Analog Devices ADP1612 Datasheet HTML 8Page - Analog Devices ADP1612 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADP1612/ADP1613
Rev. A | Page 3 of 28
SPECIFICATIONS
VIN = 3.6 V, unless otherwise noted. Minimum and maximum values are guaranteed for TJ = −40°C to +125°C. Typical values specified
are at TJ = 25°C. All limits at temperature extremes are guaranteed by correlation and characterization using standard statistical quality
control (SQC), unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY
Input Voltage
VIN
ADP1612
1.8
5.5
V
ADP1613
2.5
5.5
V
Quiescent Current
Nonswitching State
IQ
VFB = 1.5 V, FREQ = VIN
900
1350
μA
VFB = 1.5 V, FREQ = GND
700
1300
μA
Shutdown
IQSHDN
VEN = 0 V
0.01
2
μA
Switching State1
IQSW
FREQ = VIN, no load
4
5.8
mA
FREQ = GND, no load
2.2
4
mA
Enable Pin Bias Current
IEN
VEN = 3.6 V
3.3
7
μA
OUTPUT
Output Voltage
VOUT
VIN
20
V
Load Regulation
ILOAD = 10 mA to 150 mA, VIN = 3.3 V, VOUT = 12 V
0.1
mV/mA
REFERENCE
Feedback Voltage
VFB
1.2041
1.235
1.2659
V
Line Regulation
ADP1612, VIN = 1.8 V to 5.5 V; ADP1613, VIN = 2.5 V to 5.5 V
0.07
0.24
%/V
ERROR AMPLIFIER
Transconductance
GMEA
ΔI = 4 μA
80
μA/V
Voltage Gain
AV
60
dB
FB Pin Bias Current
VFB = 1.3 V
1
50
nA
SWITCH
SW On Resistance
RDSON
ISW = 1.0 A
130
300
mΩ
SW Leakage Current
VSW = 20 V
0.01
10
μA
Peak Current Limit2
ICL
ADP1612, duty cycle = 70%
0.9
1.4
1.9
A
ADP1613, duty cycle = 70%
1.3
2.0
2.5
A
OSCILLATOR
Oscillator Frequency
fSW
FREQ = GND
500
650
720
kHz
FREQ = VIN
1.1
1.3
1.4
MHz
Maximum Duty Cycle
DMAX
COMP = open, VFB = 1 V, FREQ = VIN
88
90
%
FREQ Pin Current
IFREQ
FREQ = 3.6 V
5
8
μA
EN/FREQ LOGIC THRESHOLD
ADP1612, VIN = 1.8 V to 5.5 V; ADP1613, VIN = 2.5 V to 5.5 V
Input Voltage Low
VIL
0.3
V
Input Voltage High
VIH
1.6
V
SOFT START
SS Charging Current
ISS
VSS = 0 V
3.4
5
6.2
μA
SS Voltage
VSS
VFB = 1.3 V
1.2
V
UNDERVOLTAGE LOCKOUT (UVLO)
Undervoltage Lockout Threshold
ADP1612, VIN rising
1.70
V
ADP1612, VIN falling
1.62
V
ADP1613, VIN rising
2.25
V
ADP1613, VIN falling
2.16
V
THERMAL SHUTDOWN
Thermal Shutdown Threshold
150
°C
Thermal Shutdown Hysteresis
20
°C
1 This parameter specifies the average current while switching internally and with SW (Pin 5) floating.
2 Current limit is a function of duty cycle. See the
section for typical values over operating ranges.
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com