Electronic Components Datasheet Search
  English  ▼

X  

ADP3625 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3625
Description  High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3625 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3625 Datasheet HTML 2Page - Analog Devices ADP3625 Datasheet HTML 3Page - Analog Devices ADP3625 Datasheet HTML 4Page - Analog Devices ADP3625 Datasheet HTML 5Page - Analog Devices ADP3625 Datasheet HTML 6Page - Analog Devices ADP3625 Datasheet HTML 7Page - Analog Devices ADP3625 Datasheet HTML 8Page - Analog Devices ADP3625 Datasheet HTML 9Page - Analog Devices ADP3625 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADP3623/ADP3624/ADP3625/ADP3633/ADP3634/ADP3635
Rev. A | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VDD
−0.3 V to +20 V
OUTA, OUTB
DC
−0.3 V to V
DD + 0.3 V
<200 ns
−2 V to V
DD + 0.3 V
INA, INA, INB,
−0.3 V to V
DD + 0.3 V
INB, and SD
ESD
Human Body Model (HBM)
3.5 kV
Field Induced Charged Device Model
(FICDM)
SOIC_N_EP
1.5 kV
MINI_SO_EP
1.0 kV
θ
JA, JEDEC 4-Layer Board
SOIC_N_EP1
59°C/W
MINI_SO_EP1
43°C/W
Junction Temperature Range
−40°C to +150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
Soldering (10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
260°C
1 θ
JA is measured per JEDEC standards, JESD51-2, JESD51-5, and JESD51-7, as
appropriate with the exposed pad soldered to the PCB.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com