Electronic Components Datasheet Search
  English  ▼

X  

AT-267 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # AT-267
Description  Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT-267 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AT-267 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT-267 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT-267 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
Digital Attenuator, 1-Bit, 15 dB
DC - 2.0 GHz
Rev. V4
AT-267
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Truth Table
4,5
Mode
(Control)
V1
V2
Attenuation
Positive
4
0 ± 0.2V
+2.5V to +5V
+2.5V to +5V
0 ± 0.2V
15 dB
Reference State
Negative
5
0 ± 0.2V
-2.5V to -5V
-2.5V to -5V
0 ± 0.2V
Reference State
15 dB
4. External DC blocking capacitors are required as noted.
5. If negative control is used, DC blocking capacitors are not
required on RF ports and ground.
Electrical Specifications
3: T
A = 25°C, VC = +2.5 Volts, Z0 = 50
Ω
Positive Control Voltage Schematic
SOT-25
Parameter
Test Conditions
Units
Min
Typ
Max
Insertion Loss
(Reference State)
1.0 GHz
2.0 GHz
dB
—
—
0.3
0.4
0.4
0.5
Attenuation
1.0 GHz
2.0 GHz
dB
dB
14.6
14.4
15.1
14.9
15.6
15.4
VSWR
1.0 GHz
2.0 GHz
Ratio
Ratio
—
—
1.2:1
1.3:1
—
—
Input IP3
1.0 GHz
Insertion Loss State
Attenuation State
dBm
dBm
40
40
50
50
—
—
P1dB
1.0 GHz
Insertion Loss State
Attenuation State
dBm
dBm
24
20
26
23
—
—
Control Current
—
µA
—
—
10
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
—
29
—
Ton, Toff
50% Control to 90% RF,
50% Control to 10% RF
nS
—
50
—
Transients
In-band
mV
—
10
—
3. For positive voltage control, external DC blocking capacitors are required on all RF ports (pins 1, 2 and 3).
5
4
1
3
2
39 pF
39 pF
39 pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com