Electronic Components Datasheet Search
  English  ▼

X  

AT-267 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # AT-267
Description  Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AT-267 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  AT-267 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AT-267 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AT-267 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Digital Attenuator, 1-Bit, 15 dB
DC - 2.0 GHz
Rev. V4
AT-267
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical Performance Curves
Insertion Loss vs. Frequency over
Temperature with Negative Control
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
F re que nc y ( G H z)
+25C
+85C
-40C
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
F re que nc y ( G H z)
+25C
+85C
-40C
12
13
14
15
16
17
0.0
0.5
1.0
1.5
2.0
2.5
3.0
F re que nc y ( G H z)
+25C
+85C
-40C
12
13
14
15
16
17
0.0
0.5
1.0
1.5
2.0
2.5
3.0
F re que nc y ( G H z)
+25C
+85C
-40C
1.0
1.2
1.4
1.6
1.8
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Fre que nc y ( G Hz)
0dB
15dB
1.0
1.2
1.4
1.6
1.8
2.0
0.0
1.0
2.0
3.0
F re que nc y ( G H z)
0dB
15dB
Insertion Loss vs. Frequency over
Temperature with Positive Control
Attenuation vs. Frequency over
Temperature with Negative Control
Attenuation vs. Frequency over
Temperature with Positive Control
VSWR, 0 and 15 dB States with Negative
Control at +25°C
VSWR, 0 and 15 dB States with
Positive Control at +25°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com