Electronic Components Datasheet Search
  English  ▼

X  

XRT91L31 Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT91L31
Description  STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L31 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT91L31 Datasheet HTML 9Page - Exar Corporation XRT91L31 Datasheet HTML 10Page - Exar Corporation XRT91L31 Datasheet HTML 11Page - Exar Corporation XRT91L31 Datasheet HTML 12Page - Exar Corporation XRT91L31 Datasheet HTML 13Page - Exar Corporation XRT91L31 Datasheet HTML 14Page - Exar Corporation XRT91L31 Datasheet HTML 15Page - Exar Corporation XRT91L31 Datasheet HTML 16Page - Exar Corporation XRT91L31 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
XRT91L31
13
REV. 1.0.2
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
VDD_PECL
PWR
4, 10
3.3V Input/Output LVPECL Bus Power Supply
These pins require a 3.3V potential voltage for properly biasing
the Differential LVPECL input and output pins.
AGND_TX
PWR
37
Transmitter Analog Ground for 3.3V Analog Power Supplies
It is recommended that all ground pins of this device be tied
together.
AGND_RX
PWR
44
Receiver Analog Ground for 3.3V Analog Power Supplies
It is recommended that all ground pins of this device be tied
together.
GND
GND
21, 28, 35, 45, 46, 52
Power Supply and Thermal Ground
It is recommended that all ground pins of this device be tied
together.
PIN DESCRIPTION
NAME
TYPE
PIN
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com