Electronic Components Datasheet Search
  English  ▼

X  

XRT91L31 Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT91L31
Description  STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT91L31 Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT91L31 Datasheet HTML 33Page - Exar Corporation XRT91L31 Datasheet HTML 34Page - Exar Corporation XRT91L31 Datasheet HTML 35Page - Exar Corporation XRT91L31 Datasheet HTML 36Page - Exar Corporation XRT91L31 Datasheet HTML 37Page - Exar Corporation XRT91L31 Datasheet HTML 38Page - Exar Corporation XRT91L31 Datasheet HTML 39Page - Exar Corporation XRT91L31 Datasheet HTML 40Page - Exar Corporation XRT91L31 Datasheet HTML 41Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
XRT91L31
39
REV. 1.0.2
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
LVPECL AND LVTTL LOGIC SIGNAL DC ELECTRICAL CHARACTERISTICS
NOTE: All input control pins are LVCMOS and LVTTL compatible. All output control pins are LVCMOS compatible and
LVTTL compliant to
±1 mA maximum current drive.
ELECTRICAL CHARACTERISTICS
Test Conditions: VDD = 3.3V + 5% unless otherwise specified
SYMBOL
TYPE
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
VOH
LVPECL
Output High Voltage
VDDLVPECL -
0.9
V
VOL
LVPECL
Output Low Voltage
0.7
V
VOCOMM
LVPECL
Output Common Mode Voltage
1.1
VDDLVPECL -
1.3
V
VODIFF
LVPECL
Peak-to-peak Output Differen-
tial Voltage (see
Figure 28)
600
1300
mV
187
pull
down and 100
Ω
line-to-line ter-
mination. (see
Figure 17)
VIH
LVPECL
Input High Voltage
VDDLVPECL -
0.9
VDDLVPECL -
0.3
V
For
Single-Ended
VIL
LVPECL
Input Low Voltage
0
VDDLVPECL -
1.72
V
For
Single-Ended
VIDIFF
LVPECL
Peak-to-peak Input PECL Dif-
ferential Voltage (see
Figure 28)
400
1600
mV
100
line-to-
line termina-
tion. (see
Figure 3)
VICOMM
LVPECL
Input PECL Common Mode
Voltage
1.5 - VIDIFF/2
1.7
VDDLVPECL -
1.0 -VIDIFF/2
V
Internal com-
mon mode
biasing.
VOH
LVTTL/
LVCMOS
Output High Voltage
2.4
VDD3.3
V
IOH = -1.0mA
VOL
LVTTL/
LVCMOS
Output Low Voltage
0
0.4
V
IOL = 1.0mA
VIH
LVTTL/
LVCMOS
Input High Voltage
2.0
VDD3.3
V
VIL
LVTTL/
LVCMOS
Input Low Voltage
0
0.8
V
IIH
LVTTL/
LVCMOS
Input High Current
50
500
μA
2.0V<VIN<3.3V
VIN=2.4V typical
IIL
LVTTL/
LVCMOS
Input Low Current
-500
μA
-0.5V<VIN<0.8V
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com