Electronic Components Datasheet Search
  English  ▼

X  

INK0010AX Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part # INK0010AX
Description  High speed switching Silicon N-channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

INK0010AX Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  INK0010AX Datasheet HTML 1Page - Isahaya Electronics Corporation INK0010AX Datasheet HTML 2Page - Isahaya Electronics Corporation INK0010AX Datasheet HTML 3Page - Isahaya Electronics Corporation INK0010AX Datasheet HTML 4Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
High speed switching
INK0010AX SERIES
Silicon N-channel MOSFET
DESCRIPTION
OUTLINE DRAWING
Unit:mm
INK0010AT2(PRELIMINARY)
INK0010AM1
INK0010AX is a Silicon N-channel MOSFET.
This product is most suitable for low voltage
use such as portable machinery , because of low
voltage drive and low on resistance.
FEATURE
・Input impedance is high, and not necessary to
consider a drive electric current.
・Vth is low, and drive by low voltage is possible.
Vth=1.0~2.0V
・Low on Resistance.
RDS(on)=4.0Ω(TYP)@I
D=100mA, VGS=4.0V
RDS(on)=3.0Ω(TYP)@I
D=100mA, VGS=10V
・High speed switching.
・Small package for easy mounting.
JEITA, JEDEC:-
ISAHAYA:T-USM
JEITA:SC-70
JEDEC:-
APPLICATION
High speed switching , Analog switching
TERMINAL CONNECTOR
①:GATE
②:SOURCE
③:DRAIN
TERMINAL CONNECTOR
①:GATE
②:SOURCE
③:DRAIN
INK0010AU1
INK0010AC1
EQUIVALENT CIRCUIT
JEITA:SC-75A
JEDEC:-
JEITA:SC-59
JEDEC:Similar to TO-236
TERMINAL CONNECTOR
①:GATE
②:SOURCE
③:DRAIN
T TERMINAL CONNECTOR
①:GATE
②:SOURCE
③:DRAIN
G
S
D
1.25
0.425
2.1
①
②
③
0.425
0.4
0.8
0.4
1.6
①
②
③
0.5
1.5
0.5
2.5
①
②
③
0.2
0.8
0.2
①
②
③
ISAHAYA ELECTRONICS CORPORATION


Similar Part No. - INK0010AX

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INK0012AC1 ISAHAYA-INK0012AC1 Datasheet
139Kb / 4P
High speed switching Silicon N-channel MOSFET
INK0012AM1 ISAHAYA-INK0012AM1 Datasheet
139Kb / 4P
High speed switching Silicon N-channel MOSFET
INK0012AT2 ISAHAYA-INK0012AT2 Datasheet
139Kb / 4P
High speed switching Silicon N-channel MOSFET
INK0012AU1 ISAHAYA-INK0012AU1 Datasheet
139Kb / 4P
High speed switching Silicon N-channel MOSFET
INK0012AX ISAHAYA-INK0012AX Datasheet
139Kb / 4P
High speed switching Silicon N-channel MOSFET
More results

Similar Description - INK0010AX

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK294 HITACHI-2SK294 Datasheet
47Kb / 1P
SILICON N CHANNEL MOSFET HIGH SPEED POWER SWITCHING
logo
Renesas Technology Corp
RJK6022DJE RENESAS-RJK6022DJE Datasheet
102Kb / 7P
Silicon N Channel MOSFET High Speed Power Switching
H7N1004DL RENESAS-H7N1004DL Datasheet
121Kb / 9P
Silicon N-Channel MOSFET High-Speed Power Switching
logo
Guangdong Kexin Industr...
KW306 KEXIN-KW306 Datasheet
52Kb / 2P
N-Channel Silicon MOSFET High Speed Switching
logo
Isahaya Electronics Cor...
INK0001AX ISAHAYA-INK0001AX_08 Datasheet
138Kb / 4P
High speed switching Silicon N-channel MOSFET
INK0002AX ISAHAYA-INK0002AX_08 Datasheet
138Kb / 4P
High speed switching Silicon N-channel MOSFET
INK0003AX ISAHAYA-INK0003AX_08 Datasheet
138Kb / 4P
High speed switching Silicon N-channel MOSFET
INK0012AX ISAHAYA-INK0012AX Datasheet
139Kb / 4P
High speed switching Silicon N-channel MOSFET
logo
Renesas Technology Corp
H7N1004LD RENESAS-H7N1004LD_15 Datasheet
126Kb / 14P
Silicon N-Channel MOSFET High-Speed Power Switching
logo
Isahaya Electronics Cor...
INK021ABS1 ISAHAYA-INK021ABS1 Datasheet
146Kb / 5P
High Speed Switching Silicon N-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com