Electronic Components Datasheet Search
  English  ▼

X  

SP202E Datasheet(PDF) 6 Page - Exar Corporation

Part # SP202E
Description  High Performance RS-232 Line Drivers/Receivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP202E Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP202E Datasheet HTML 2Page - Exar Corporation SP202E Datasheet HTML 3Page - Exar Corporation SP202E Datasheet HTML 4Page - Exar Corporation SP202E Datasheet HTML 5Page - Exar Corporation SP202E Datasheet HTML 6Page - Exar Corporation SP202E Datasheet HTML 7Page - Exar Corporation SP202E Datasheet HTML 8Page - Exar Corporation SP202E Datasheet HTML 9Page - Exar Corporation SP202E Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • www.exar.com SP202E,232E,233E, 30E, 32E_00_0608
6
DESCRiPTion
C is charged from Vcc to prepare it for its next
phase.
Phase 3
Vdd charge store and double: Phase three is
identical to the first phase. The positive termi-
nals of C and C2 are charged from Vcc with
their negative terminals initially connected to
ground. C+ is then connected to ground and
the stored charge from C- is superimposed
onto C2-. Since C2+ is still connected to Vcc
the voltage potential across capacitor C2 is now
2 x Vcc.
Phase 4
Vdd transfer: The fourth phase connects the
negative terminal of C2 to ground and the posi-
tive terminal of C2 to the Vdd storage capacitor.
This transfers the doubled (V+) voltage onto C3.
Meanwhile, capacitor C is charged from Vcc to
prepare it for its next phase.
The clock rate for the charge pump typically op-
erates at greater than 5kHz allowing the pump
to run efficiently with small 0.1uF capacitors. Ef-
ficient operation depends on rapid charging and
discharging of C and C2, therefore capacitors
should be mounted as close as possible to the
IC and have low ESR (equivalent series resis-
tance). Inexpensive surface mount, ceramic ca-
pacitors are ideal for using on charge pump. If
polarized capacitors are used the positive and
negative terminals should be connected as
shown in the typical operating circuit. A diagram
of the individual phases are shown in Figure .
Shutdown (SD) and Enable (En) features for
the SP310E and SP312E
Both the SP30E and SP32E have a shutdown
/ standby mode to conserve power in battery-
powered applications. To activate the shutdown
mode, which stops the operation of the charge
pump, a logic "0" is applied to the appropriate
control line. For the SP30E, this control line is
the ON/OFF (pin 8) input. Activating the shut-
down mode puts the SP30E transmitter and
receiver ouptuts into a high impedance con-
dition. For the SP32E, this control line is the
SHUTDOWN (pin8) input; this also puts the
transmitter outputs in a tri-state mode. The re-
ceiver outputs can be tri-stated seperately dur-
ing normal operation or shutdown by applying a
logic "" on the EN line (pin ).
Wake-Up Feature for the SP312E
The SP32E has a wake-up feature that keeps
the receivers active when the device is placed
into shutdown. Table 1 defines the truth table for
the Wake-Up function. When only the receivers
are activated, the SP32E typically draws less
than 5uA supply current. In the case of when
a modem is interfaced to a computer in power
down mode, the Ring Indicator (RI) signal from
the modem would be used to "wake-up" the
computer, allowing it to accept data transmis-
sion.
After the ring indicator has propagated
through the SP32E receiver, it can be used
to trigger the power management circuitry of
the computer to power up the microproces-
sor, and bring the SD pin of the SP32E to a
logic high, taking it out of the shutdown mode.
The receiver propagation delay is typically
us. The enable time for V+ and V- is typi-
cally 2ms. After V+ and V- have settled to their
final values, a signal can be sent back to the
modem on the data terminal ready (DTR) pin
signifying that the computer is ready to accept
the transmit data.
SD EN
Power
Up/Down
Receiver
outputs
0
0
Down
Enabled
0

Down
Tri-state

0
Up
Enabled


Up
Tri-state
Table . Wake-up Function truth table
Pin Strapping for the SP233E
To operate properly, the following pairs of pins
must be externally wired together as noted in
table 2:
Pins Wired
Together
SOICW
Two V- pins
0 & 7
Two C2+ pins
2 & 5
Two C- pins
 & 6
Connect Pins 6 and 9 to
GND
Table 2. Pin Strapping table for SP233E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com