Electronic Components Datasheet Search
  English  ▼

X  

SP202E Datasheet(PDF) 7 Page - Exar Corporation

Part # SP202E
Description  High Performance RS-232 Line Drivers/Receivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP202E Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP202E Datasheet HTML 3Page - Exar Corporation SP202E Datasheet HTML 4Page - Exar Corporation SP202E Datasheet HTML 5Page - Exar Corporation SP202E Datasheet HTML 6Page - Exar Corporation SP202E Datasheet HTML 7Page - Exar Corporation SP202E Datasheet HTML 8Page - Exar Corporation SP202E Datasheet HTML 9Page - Exar Corporation SP202E Datasheet HTML 10Page - Exar Corporation SP202E Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • www.exar.com SP202E,232E,233E, 30E, 32E_00_0608
C
2
+
-
V
CC
C
3
C
4
C
1
+
+
+
e-
e-
Phases 1 and 3: Store/Double.
Double charge from C1 onto C2.
C2 is now charged to -2xVcc
+
C
2
+
-
V
CC
C
3
C
4
C
1
+
+
+
e-
+
e+
e+
C
2
+
-
V
CC
C
3
C
4
C
1
+
+
+
Phase 2 – Vss transfer from C2 to C4.
Meanwhile C1 is charged to Vcc
e-
e-
e-
+
Vss
transfer from C2 to C3.
Meanwhile C1 is charged to Vcc
V
DD
V-
V+
V-
V+
V+
Patented 5,306,954
Phase 4 VDD
Figure . Charge pump phases
DESCRiPTion
ESD ToLERAnCE
The SP202E, 232E, 233E, 30E and 32E
devices incorporates ruggedized ESD cells on
all driver outputs and receiver input pins. The
ESD structure is improved over our previous
family for more rugged applications and envi-
ronments sensitive to electro-static discharges
and associated transients. The improved ESD
tolerance is at least +/-5kV Human Body
Model without damage nor latch-up.
The Human Body Model has been the gener-
ally accepted ESD testing method for semi-
conductors. This method is also specified in
MIL-STD-883, Method 305.7 for ESD testing.
The premise of this ESD test is to simulate
the human body's potential to store electro-
static energy and discharge it to an intergrated
circuit. The simulation is peformed by using a
test model as shown in figure 2. This method
will test the IC's capability to withstand an ESD
transient during normal handling such as in
manufacturing areas where the IC's tend to be
handled frequently.
Figure 2. ESD test circuit for Human Body
Model
CS
RS
SW1
RC
Device
Under
Test
DC Power
Source
SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com