Electronic Components Datasheet Search
  English  ▼

X  

SP233A Datasheet(PDF) 13 Page - Exar Corporation

Part # SP233A
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP233A Datasheet(HTML) 13 Page - Exar Corporation

Back Button SP233A Datasheet HTML 5Page - Exar Corporation SP233A Datasheet HTML 6Page - Exar Corporation SP233A Datasheet HTML 7Page - Exar Corporation SP233A Datasheet HTML 8Page - Exar Corporation SP233A Datasheet HTML 9Page - Exar Corporation SP233A Datasheet HTML 10Page - Exar Corporation SP233A Datasheet HTML 11Page - Exar Corporation SP233A Datasheet HTML 12Page - Exar Corporation SP233A Datasheet HTML 13Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • Fax (50)668-707 • www.exar.com SP233A,30A,32A 00_05308
Notice
EXAR Corporation reserves the right to make changes to any products contained in this publication in order to improve design, performance or reliabil-
ity. EXAR Corporation assumes no representation that the circuits are free of patent infringement. Charts and schedules contained herein are only for
illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully checked;
no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for
use in such applications unless EXAR Corporation receives, in writting, assurances to its satisfaction that: (a) the risk of injury or damage has been
minimized ; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Copyright 2008 EXAR Corporation
Datasheet May 2008
Send your Interface technical inquiry with technical details to: customersupport@exar.com
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
ORDERING INFORMATION
Part number LEAD FREE Tape & Reel
Temperature range
Package Type
SP233ACP
-L
From 0 to +700C
20 pin PDIP
SP233AEP
-L
From -40 to +850C
20 pin PDIP
SP233ACT
-L
/TR
From 0 to +700C
20 pin SOICW
SP233AET
-L
/TR
From -40 to +850C
20 pin SOICW
SP30ACP
-L
From 0 to +700C
8 pin PDIP
SP30ACT
-L
/TR
From 0 to +700C
8 pin SOICW
SP30AET
-L
/TR
From -40 to +850C
8 pin SOICW
SP32ACT
-L
/TR
From 0 to +700C
8 pin SOICW
SP32AET
-L
/TR
From -40 to +850C
8 pin SOICW
All packages are available as lead free (RoHS compliant). To order add “-L” suffix to part number.
For Tape and Reel add “/TR”. Reel quantity is ,500 for SOICW.
Example: SP233ACT-L/TR = lead free and Tape and Reel. SP233ACT/TR = standard with Tape
and Reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com