Electronic Components Datasheet Search
  English  ▼

X  

SP233A Datasheet(PDF) 3 Page - Exar Corporation

Part # SP233A
Description  Enhanced RS-232 Line Drivers/Receivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP233A Datasheet(HTML) 3 Page - Exar Corporation

  SP233A Datasheet HTML 1Page - Exar Corporation SP233A Datasheet HTML 2Page - Exar Corporation SP233A Datasheet HTML 3Page - Exar Corporation SP233A Datasheet HTML 4Page - Exar Corporation SP233A Datasheet HTML 5Page - Exar Corporation SP233A Datasheet HTML 6Page - Exar Corporation SP233A Datasheet HTML 7Page - Exar Corporation SP233A Datasheet HTML 8Page - Exar Corporation SP233A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (50)668-7000 • Fax (50)668-707 • www.exar.com SP233A,30A,32A 00_05308
Parameter
TEST CONDITIONS
MIN
TYP
MAX
Unit
DYnAMiC CHARACTERiSTiCS
Driver Propagation Delay
TTL to RS_232; CL = 50pF
.5
3.0
μs
Receiver Propagation Delay
RS-232 to TTL,
0.
.0
μs
Instantaneous Slew Rate
CL = 10pF, RL = 3-7kΩ
30
V/ μs
Transition Region Slew Rate
CL = 2500pF, RL = 3kΩ;
Measured from +3V to -3V or
-3V to +3V
0
V/ μs
Output Enable Time
SP30A and SP32A only
400
ns
Output Disable Time
SP30A and SP32A only
250
ns
PoWER REQUiREMEnTS
Vcc Power Supply Current
No Load, Vcc = 5V, Ta
=25°C
0
5
mA
Vcc Power Supply Current, Loaded
All Transmitters RL = 3kΩ,
Ta
=25°C
25
mA
Shutdown Supply Current
SP30A and SP32A only
Vcc = 5V, Ta
=25°C

0
μA
ELECTRiCAL CHARACTERiSTiCS
Vcc=5V ±0%, 0.
μF charge pump capacitors, Tmin to Tmax
, unless otherwise noted, Typical values are Vcc=5V
and Ta
=25°C
Pin ASSignMEnTS
20 pin PDIP
20 pin WSOIC
8 pin PDIP / WSOIC
8 pin WSOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com