Electronic Components Datasheet Search
  English  ▼

X  

C106 Datasheet(PDF) 1 Page - Motorola, Inc

Part # C106
Description  SCRs 4 AMPERES RMS 50 thru 600 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

C106 Datasheet(HTML) 1 Page - Motorola, Inc

  C106 Datasheet HTML 1Page - Motorola, Inc C106 Datasheet HTML 2Page - Motorola, Inc C106 Datasheet HTML 3Page - Motorola, Inc C106 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Thyristor Device Data
Silicon Controlled Rectifier
Reverse Blocking Triode Thyristors
. . . Glassivated PNPN devices designed for high volume consumer applications such
as temperature, light, and speed control; process and remote control, and warning
systems where reliability of operation is important.
• Glassivated Surface for Reliability and Uniformity
• Power Rated at Economical Prices
• Practical Level Triggering and Holding Characteristics
• Flat, Rugged, Thermopad Construction for Low Thermal Resistance, High Heat
Dissipation and Durability
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted.)
Rating
Symbol
Value
Unit
Peak Repetitive Forward and Reverse Blocking Voltage(1)
(RGK = 1 kΩ)
C106F
(TC = –40° to 110°C)
C106A
C106B
C106D
C106M
VDRM
or
VRRM
50
100
200
400
600
Volts
RMS Forward Current
(All Conduction Angles)
IT(RMS)
4
Amps
Average Forward Current
(TA = 30°C)
IT(AV)
2.55
Amps
Peak Non-repetitive Surge Current
(1/2 Cycle, 60 Hz, TJ = –40 to +110°C)
ITSM
20
Amps
Circuit Fusing (t = 8.3 ms)
I2t
1.65
A2s
Peak Gate Power
PGM
0.5
Watt
Average Gate Power
PG(AV)
0.1
Watt
Peak Forward Gate Current
IGFM
0.2
Amp
1. VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; however,
(cont.)
positive gate voltage shall not be applied concurrent with negative potential on the anode. Blocking voltages shall not be tested with a
constant current source such that the voltage ratings of the devices are exceeded.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by C106/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
C106
Series
CASE 77-08
(TO-225AA)
STYLE 2
SCRs
4 AMPERES RMS
50 thru 600 VOLTS
K
A
G
K
A
G
A
*Motorola preferred devices
*


Similar Part No. - C106

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
C106 ONSEMI-C106 Datasheet
62Kb / 6P
Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
logo
GE Solid State
C106 GESS-C106 Datasheet
37Kb / 1P
4-A Sensitive-Gate Silicon Controlled Rectifiers
logo
Sanken electric
C106 SANKEN-C106 Datasheet
1Mb / 18P
Operate on the main AC line 100V and 200V
logo
Digitron Semiconductors
C106 DIGITRON-C106 Datasheet
156Kb / 3P
SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
C106 NJSEMI-C106 Datasheet
111Kb / 2P
The Type C106 Silicon Controlled Rectifier
More results

Similar Description - C106

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6071 MOTOROLA-2N6071 Datasheet
118Kb / 6P
TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
2N6394 MOTOROLA-2N6394 Datasheet
112Kb / 6P
SCRs 12 AMPERES RMS 50 thru 800 VOLTS
MAC6071 MOTOROLA-MAC6071 Datasheet
233Kb / 8P
TRIACs 4 AMPERES RMS 200 thru 600 VOLTS
MCR8 MOTOROLA-MCR8 Datasheet
66Kb / 2P
SCRs 8 AMPERES RMS 400 thru 800 VOLTS
S2800 MOTOROLA-S2800 Datasheet
76Kb / 4P
SCRs 10 AMPERES RMS 50 thru 800 VOLTS
logo
ON Semiconductor
MCR225-8FP ONSEMI-MCR225-8FP Datasheet
87Kb / 6P
ISOLATED SCRs 25 AMPERES RMS 600 thru 800 VOLTS
August, 2006 ??Rev. 3
2N6394 ONSEMI-2N6394_06 Datasheet
63Kb / 5P
Silicon Controlled Rectifiers SCRs 12 AMPERES RMS 50 thru 800 VOLTS
August, 2006 ??Rev. 6
2N6402G ONSEMI-2N6402G Datasheet
114Kb / 7P
SCRs 16 AMPERES RMS 50 thru 800 VOLTS
November, 2012 ??Rev. 6
logo
New Jersey Semi-Conduct...
MCR68 NJSEMI-MCR68 Datasheet
128Kb / 2P
SCRs 12 and 25 AMPERES RMS 50 thru 400 VOLTS
MCR70 NJSEMI-MCR70 Datasheet
124Kb / 2P
SCRs 24 and 55 AMPERES RMS 50 thru 400 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com