Electronic Components Datasheet Search
  English  ▼

X  

C106 Datasheet(PDF) 2 Page - Motorola, Inc

Part # C106
Description  SCRs 4 AMPERES RMS 50 thru 600 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

C106 Datasheet(HTML) 2 Page - Motorola, Inc

  C106 Datasheet HTML 1Page - Motorola, Inc C106 Datasheet HTML 2Page - Motorola, Inc C106 Datasheet HTML 3Page - Motorola, Inc C106 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
C106 Series
2
Motorola Thyristor Device Data
MAXIMUM RATINGS — continued
Rating
Symbol
Value
Unit
Peak Reverse Gate Voltage
VGRM
6
Volts
Operating Junction Temperature Range
TJ
–40 to +110
°C
Storage Temperature Range
Tstg
–40 to +150
°C
Mounting Torque(1)
—
6
in. lb.
1. Torque rating applies with use of compression washer (B52200F006). Mounting torque in excess of 6 in. lb. does not appreciably lower
case-to-sink thermal resistance. Anode lead and heatsink contact pad are common.
For soldering purposes (either terminal connection or device mounting), soldering temperatures shall not exceed +200
°C. For optimum
results, an activated flux (oxide removing) is recommended.
THERMAL CHARACTERISTICS (TC = 25°C, RGK = 1 kΩ unless otherwise noted.)
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
3
°C/W
Thermal Resistance, Junction to Ambient
R
θJA
75
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Forward or Reverse Blocking Current
(VAK = Rated VDRM or VRRM, RGK = 1000 Ohms) TJ = 25°C
TJ = 110°C
IDRM, IRRM
—
—
—
—
10
100
µA
µA
Forward “On” Voltage
(IFM = 1 A Peak)
VTM
—
—
2.2
Volts
Gate Trigger Current (Continuous dc)
(VAK = 6 Vdc, RL = 100 Ohms)
(VAK = 6 Vdc, RL = 100 Ohms, TC = –40°C)
IGT
—
—
30
75
200
500
µA
Gate Trigger Voltage (Continuous dc)
(VAK = 6 Vdc, RL = 100 Ohms, RGK = 1000 Ohms) TJ = 25°C
(VAK = Rated VDRM, RL = 3000 Ohms,
RGK = 1000 Ohms, TJ = 110°C)
TJ = –40°C
VGT
0.4
0.5
0.2
—
—
—
0.8
1
—
Volts
Holding Current
TJ = 25°C
(VD = 12 Vdc, RGK = 1000 Ohms)
TJ = –40°C
TJ = +110°C
IHX
0.3
0.4
0.14
—
—
—
3
6
2
mA
Forward Voltage Application Rate
(TJ = 110°C, RGK = 1000 Ohms, VD = Rated VDRM)
dv/dt
—
8
—
V/
µs
Turn-On Time
tgt
—
1.2
—
µs
Turn-Off Time
tq
—
40
—
µs
DC
DC
JUNCTION TEMPERATURE
≈ 110°C
100
10
20
30
40
70
110
90
3.6
80
0
.4
.8
1.6
1.2
2.0
2.4
3.2
60
4.0
IT(AV) AVERAGE ON-STATE CURRENT (AMPERES)
HALF SINE WAVE
RESISTIVE OR INDUCTIVE LOAD.
50 to 400 Hz
50
6
4
2
0
8
FIGURE 1 – AVERAGE CURRENT DERATING
0
10
2.8
FIGURE 2 – MAXIMUM ON-STATE POWER DISSIPATION
3.6
.4
.8
1.6
1.2
2.0
2.4
3.2
4.0
2.6
IT(AV) AVERAGE ON-STATE CURRENT (AMPERES)
HALF SINE WAVE
RESISTIVE OR INDUCTIVE LOAD
50 TO 400Hz.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com