Electronic Components Datasheet Search
  English  ▼

X  

SP507 Datasheet(PDF) 14 Page - Exar Corporation

Part # SP507
Description  5V Single Chip WAN Multi-Mode Serial Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP507 Datasheet(HTML) 14 Page - Exar Corporation

Back Button SP507 Datasheet HTML 10Page - Exar Corporation SP507 Datasheet HTML 11Page - Exar Corporation SP507 Datasheet HTML 12Page - Exar Corporation SP507 Datasheet HTML 13Page - Exar Corporation SP507 Datasheet HTML 14Page - Exar Corporation SP507 Datasheet HTML 15Page - Exar Corporation SP507 Datasheet HTML 16Page - Exar Corporation SP507 Datasheet HTML 17Page - Exar Corporation SP507 Datasheet HTML 18Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
SP507_100_081208
SP507 Multi–Mode Serial Transceiver
© Copyright 2008 Exar Corporation
Figure 39. Receiver Enable and Disable Times
Figure 40. V.28 (RS-232) and V.10 (RS-423) Driver Enable and Disable Times
+3V
0V
5V
RECEIVER OUT
0V
1.5V
1.5V
tZL
tZH
RECEIVER OUT
50%
50%
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
VIL
VIH
Mx or RCVR Enable
+3V
0V
Mx or Tx_Enable
1.5V
1.5V
tZL
TOUT
tLZ
Output LOW
0V
+3V
0V
VOH
1.5V
1.5V
tZH
TOUT
0.5V
tHZ
Output HIGH
0V
Mx or Tx_Enable
VOL
0.5V
0.5V
0.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com