Electronic Components Datasheet Search
  English  ▼

X  

SP507 Datasheet(PDF) 19 Page - Exar Corporation

Part # SP507
Description  5V Single Chip WAN Multi-Mode Serial Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP507 Datasheet(HTML) 19 Page - Exar Corporation

Back Button SP507 Datasheet HTML 15Page - Exar Corporation SP507 Datasheet HTML 16Page - Exar Corporation SP507 Datasheet HTML 17Page - Exar Corporation SP507 Datasheet HTML 18Page - Exar Corporation SP507 Datasheet HTML 19Page - Exar Corporation SP507 Datasheet HTML 20Page - Exar Corporation SP507 Datasheet HTML 21Page - Exar Corporation SP507 Datasheet HTML 22Page - Exar Corporation SP507 Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
19
SP507_100_081208
SP507 Multi–Mode Serial Transceiver
© Copyright 2008 Exar Corporation
SP507 Receiver Mode Selection
SP507 Driver Mode Selection
Pin Label
RD(a)
RD(b)
RT(a)
RT(b)
CS(a)
CS(b)
DM(a)
DM(b)
RR(a)
RR(b)
TM(a)
TM(b)
SCT(a)
SCT(b)
Pin Label
Mode
111
RS-232
110
V.35-
V.35+
V.28
3-state
V.28
3-state
V.28
3-state
V.28
3-state
V.35-
V.35+
V.35-
V.35+
RS-449
101
EIA-530A
001
SD(a)
SD(b)
TR(a)
TR(b)
RS(a)
RS(b)
RL(a)
RL(b)
LL(a)
LL(b)
ST(a)
ST(b)
TT(a)
TT(b)
Mode
111
RS-232
110
V.35
100
M2 - M0
M2 - M0
V.28
3-state
V.28
3-state
V.28
3-state
V.28
3-state
V.28
3-state
V.28
3-state
V.28
3-state
V.35
100
V.28
>10k
Ω to GND
V.28
>10k
Ω to GND
V.28
>10k
Ω to GND
V.28
>10k
Ω to GND
V.28
>10k
Ω to GND
V.28
>10k
Ω to GND
V.28
>10k
Ω to GND
V.35-
V.35+
V.35-
V.35+
V.28
>10k
Ω to GND
V.28
>10k
Ω to GND
V.28
>10k
Ω to GND
V.28
>10k
Ω to GND
V.35-
V.35+
RS-449
101
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.10
3-state
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.10
>10k
Ω to GND
V.11-
V.11+
V.11-
V.11+
V.10
3-state
V.11-
V.11+
V.11-
V.11+
V.10
3-state
V.11-
V.11+
V.11-
V.11+
3-state
3-state
3-state
3-state
3-state
3-state
3-state
3-state
3-state
3-state
3-state
3-state
3-state
3-state
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
>10k
Ω to GND
EIA-530A
001
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.10
>10k
Ω to GND
V.11-
V.11+
V.10
>10k
Ω to GND
V.11-
V.11+
EIA-530
010
EIA-530
010
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.10
3-state
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.10
>10k
Ω to GND
V.11-
V.11+
V.11
000
V.11
000
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.10
3-state
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.10
>10k
Ω to GND
V.11-
V.11+
X.21
011
X.21
011
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.10
3-state
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.11-
V.11+
V.10
>10k
Ω to GND
V.11-
V.11+
Table 1. SP507 Driver Decoder Table
Table 2. SP507 Receiver Decoder Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com