Electronic Components Datasheet Search
  English  ▼

X  

SP705 Datasheet(PDF) 2 Page - Exar Corporation

Part # SP705
Description  Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP705 Datasheet(HTML) 2 Page - Exar Corporation

  SP705 Datasheet HTML 1Page - Exar Corporation SP705 Datasheet HTML 2Page - Exar Corporation SP705 Datasheet HTML 3Page - Exar Corporation SP705 Datasheet HTML 4Page - Exar Corporation SP705 Datasheet HTML 5Page - Exar Corporation SP705 Datasheet HTML 6Page - Exar Corporation SP705 Datasheet HTML 7Page - Exar Corporation SP705 Datasheet HTML 8Page - Exar Corporation SP705 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
June 2008 Rev C
SP705 Low Power Microprocessor Supervisory Circuits
© 2008 Exar Corporation
2
R
E
T
E
M
A
R
A
P
.
N
I
M
.
P
Y
T
.
X
A
M
S
T
I
N
U
S
N
O
I
T
I
D
N
O
C
V
,
e
g
n
a
R
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
C
C
.
1 1
5.5
V
I
,
t
n
e
r
r
u
C
y
l
p
p
u
S
Y
L
P
P
U
S
0
4
0
6
µA
V
=
R
M
C
C
g
n
i
t
a
o
l
F
I
D
W
,
g
n
i
t
a
o
l
F
r
o
d
l
o
h
s
e
r
h
T
t
e
s
e
R
0
5
.
4
5
2
.
4
5
6
.
4
0
4
.
4
5
7
.
4
0
5
.
4
V
2
e
t
o
N
,
L
3
1
8
P
S
,
7
0
7
P
S
,
5
0
7
P
S
SP706, SP708, Note 2
s
i
s
e
r
e
t
s
y
H
d
l
o
h
s
e
r
h
T
t
e
s
e
R
0
4
V
m
2
e
t
o
N
t
,
h
t
d
i
W
e
s
l
u
P
t
e
s
e
R
S
R
0
4
1
0
0
2
0
8
2
s
m
2
e
t
o
N
T
E
S
E
R
e
g
a
t
l
o
V
t
u
p
t
u
O
C
5
.
1
-
8
.
0
0
4
.
0
0
3
.
0
V
2
e
t
o
N
I
E
C
R
U
O
S
0
0
8
=
µA
I
E
C
R
U
O
S
4
=
µ V
,
A
C
C
V
1
.
1
=
I
K
N
I
S
A
m
2
.
3
=
Vcc = 1.1V, ISINK = 50
µA
t
,
d
o
i
r
e
P
t
u
o
e
m
i
T
g
o
d
h
c
t
a
W
D
W
0
0
.
1
0
6
.
1
5
2
.
2
s
L
3
1
8
P
S
,
6
0
7
P
S
,
5
0
7
P
S
t
,
h
t
d
i
W
e
s
l
u
P
I
D
W
P
W
1
V
L
I
V
,
V
4
.
0
=
H
I
V
X
8
.
0
=
C
C
,
d
l
o
h
s
e
r
h
T
t
u
p
n
I
I
D
W
W
O
L
H
G
I
H
5
.
3
8
.
0
V
L
3
1
8
P
S
,
6
0
7
P
S
,
5
0
7
P
S
V
C
C
V
5
=
t
n
e
r
r
u
C
t
u
p
n
I
I
D
W
5
7
-
0
3
0
2
-
5
7
µA
L
3
1
8
P
S
,
6
0
7
P
S
,
5
0
7
P
S
V
=
I
D
W
C
C
L
3
1
8
P
S
,
6
0
7
P
S
,
5
0
7
P
S
V
0
=
I
D
W
ABSOLUTE MAXIMUM RATINGS
This is a stress rating only and functional operation
of the device at these or any other conditions above
those indicated in the operation sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of
time may affect reliability and cause permanent
damage to the device.
V
cc
.......................................................................................
-0.3V to +6.0V
All Other Inputs (Note 1) ......... -0.3V to (Vcc+0.3V)
Input Current:
V
cc
.............................................................................................................
20mA
GND ............................................................ 20mA
Output Current (all outputs) ......................... 20mA
ESD Rating ..................................................... 4KV
Continuous Power Dissipation
Plastic DIP (derate 9.09mW/
°C above +70°C)727mW
SO (derate 5.88mW/
°C above +70°C) ...... 471mW
Mini SO (derate 4.10mW/
°C above +70°C) 330mW
Storage Temperature Range ....... -65
°C to +160°C
Lead Temperature (soldering, 10s) ............ +300
°C
SPECIFICATIONS
V
CC = 4.75V to 5.50V for SP705/707/813L, VCC = 4.50V to 5.50V for SP706/708, TA = TMIN to TMAX, unless otherwise noted, typical at 25
oC.
µs
V
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com