Electronic Components Datasheet Search
  English  ▼

X  

SP705 Datasheet(PDF) 5 Page - Exar Corporation

Part # SP705
Description  Low Power Microprocessor Supervisory Circuits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP705 Datasheet(HTML) 5 Page - Exar Corporation

  SP705 Datasheet HTML 1Page - Exar Corporation SP705 Datasheet HTML 2Page - Exar Corporation SP705 Datasheet HTML 3Page - Exar Corporation SP705 Datasheet HTML 4Page - Exar Corporation SP705 Datasheet HTML 5Page - Exar Corporation SP705 Datasheet HTML 6Page - Exar Corporation SP705 Datasheet HTML 7Page - Exar Corporation SP705 Datasheet HTML 8Page - Exar Corporation SP705 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
June 2008 Rev C
SP705 Low Power Microprocessor Supervisory Circuits
© 2008 Exar Corporation
1.25V
4.65V
(4.40V for the SP708)
VCC
RESET
GENERATOR
250
µA
MR
VCC
RESET
SP707
SP708
PFI
PFO
GND
RESET
Figure 3. Internal Block Diagram for the SP707/708
Figure 2. Internal Block Diagram for the SP705/706/813L
SP705
SP706
SP813L
GND
* For the SP813L only
1.25V
4.65V
(4.40V for the SP706 and SP813M)
VCC
TIMEBASE FOR
RESET AND
WATCHDOG
WATCHDOG
TIMER
RESET
GENERATOR
WATCHDOG
TRANSITION
DETECTOR
250
µA
MR
VCC
RESET/RESET*
WDO
PFI
PFO
WDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com