Electronic Components Datasheet Search
  English  ▼

X  

SP1485E Datasheet(PDF) 4 Page - Exar Corporation

Part # SP1485E
Description  Enhanced Low Power Half-Duplex RS-485 Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP1485E Datasheet(HTML) 4 Page - Exar Corporation

  SP1485E Datasheet HTML 1Page - Exar Corporation SP1485E Datasheet HTML 2Page - Exar Corporation SP1485E Datasheet HTML 3Page - Exar Corporation SP1485E Datasheet HTML 4Page - Exar Corporation SP1485E Datasheet HTML 5Page - Exar Corporation SP1485E Datasheet HTML 6Page - Exar Corporation SP1485E Datasheet HTML 7Page - Exar Corporation SP1485E Datasheet HTML 8Page - Exar Corporation SP1485E Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP48E-485E_00_06609
4
pin FUnction
Pin1–RO–ReceiverOutput.
Pin2–RE–ReceiverOutputEnableActiveLOW.
Pin3–DE–DriverOutputEnableActiveHIGH.
Pin4–DI–DriverInput.
Pin5–GND–GroundConnection.
Pin6–A–DriverOutput/ReceiverInputNon-inverting.
Pin7–B–DriverOutput/ReceiverInputInverting.
Pin8–Vcc–PositiveSupply4.75V<Vcc<5.25V.
SP48E and SP485E
Pinout(TopView)
RO 1
RE 2
DE 3
DI 4
8 VCC
7 B
6 A
5 GND
D
R
SP485
Top View
Figure5.DriverPropagationDelays
+3V
0V
DI
B
A
DRIVER
OUTPUT
VO+
DIFFERENTIAL
OUTPUT
VA – VB
0V
VO–
tSKEW
tSKEW
1.5V
1.5V
tPLH
tPLH
tR
tF
f = 1MHz; tR < 1ns; tF < 1ns
VO 1/2VO
1/2VO
tPHL
Figure1.RS-485DriverDCTestLoadCircuit
Figure3.RS-485Driver/ReceiverTimingTestCircuit
CL1
15pF
RO
A
B
A
B
DI
DE
3V
CL2
RDIFF
500
CL
Output
Under
Test
S1
S2
VCC
1K
1K
CRL
Receiver
Output
S1
S2
Test Point
VCC
Figure2.ReceiverTimingTestLoadCircuit
Figure4.RS-485DriverTimingTestLoad#2Circuit
A
B
R
R
VOD
VOC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com