Electronic Components Datasheet Search
  English  ▼

X  

SP1485E Datasheet(PDF) 8 Page - Exar Corporation

Part # SP1485E
Description  Enhanced Low Power Half-Duplex RS-485 Transceivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP1485E Datasheet(HTML) 8 Page - Exar Corporation

Back Button SP1485E Datasheet HTML 2Page - Exar Corporation SP1485E Datasheet HTML 3Page - Exar Corporation SP1485E Datasheet HTML 4Page - Exar Corporation SP1485E Datasheet HTML 5Page - Exar Corporation SP1485E Datasheet HTML 6Page - Exar Corporation SP1485E Datasheet HTML 7Page - Exar Corporation SP1485E Datasheet HTML 8Page - Exar Corporation SP1485E Datasheet HTML 9Page - Exar Corporation SP1485E Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP48E-485E_00_06609
8
With the Air Discharge Method, an ESD
voltageisappliedtotheequipmentunder
test(EUT)throughair.Thissimulatesan
electricallychargedpersonreadytoconnect
acableontotherearofthesystemonlyto
findanunpleasantzapjustbeforetheperson
touchesthebackpanel.Thehighenergy
potentialonthepersondischargesthrough
anarcingpathtotherearpanelofthesystem
beforeheorsheeventouchesthesystem.
Thisenergy,whetherdischargeddirectlyor
throughair,ispredominantlyafunctionofthe
dischargecurrentratherthanthedischarge
voltage.Variableswithanairdischargesuch
asapproachspeedoftheobjectcarryingthe
ESDpotentialtothesystemandhumidity
willtendtochangethedischargecurrent.
Forexample,therisetimeofthedischarge
currentvarieswiththeapproachspeed.
TheContactDischargeMethodappliesthe
ESDcurrentdirectlytotheEUT.Thismethod
wasdevisedtoreducetheunpredictability
oftheESDarc.Thedischargecurrentrise
timeisconstantsincetheenergyisdirectly
transferredwithouttheair-gaparc.Insitu-
ationssuchashandheldsystems,theESD
charge can be directly discharged to the
equipment from a person already holding
theequipment.Thecurrentistransferred
ontothekeypadortheserialportofthe
equipmentdirectlyandthentravelsthrough
thePCBandfinallytotheIC.
ThecircuitmodelinFigures7and8represent
thetypicalESDtestingcircuitusedforall
threemethods.TheC
Sisinitiallycharged
with the DC power supply when the first
switch(SW1)ison.Nowthatthecapacitor
ischarged,thesecondswitch(SW2)ison
whileSW1switchesoff.Thevoltagestored
inthecapacitoristhenappliedthroughR
S,
thecurrentlimitingresistor,ontothedevice
undertest(DUT).InESDtests,theSW2
switchispulsedsothatthedeviceunder
testreceivesadurationofvoltage.
For the Human Body Model, the current
limitingresistor(R
S)andthesourcecapacitor
(C
S)are1.5kΩan100pF,respectively.For
IEC-1000-4-2, the current limiting resistor
(R
S)andthesourcecapacitor(CS)are330Ω
an150pF,respectively.
ThehigherC
SvalueandlowerRSvaluein
theIEC1000-4-2modelaremorestringent
thantheHumanBodyModel.Thelarger
storage capacitor injects a higher voltage
tothetestpointwhenSW2isswitchedon.
Thelowercurrentlimitingresistorincreases
thecurrentchargeontothetestpoint.
Figure9.ESDTestWaveformforIEC1000-4-2
t=0ns
t=30ns
0A
5A
30A
t
HUMAn BodY
iec1000-4-2
ModeL
Air discharge
direct contact
Level
DriverOutputs ±15kV
±15kV
±8kV
4
ReceiverInputs ±15kV
±15kV±8kV
4
SP1481E,
SP1485E
FamiLy



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com