Electronic Components Datasheet Search
  English  ▼

X  

SP3082E Datasheet(PDF) 17 Page - Exar Corporation

Part # SP3082E
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3082E Datasheet(HTML) 17 Page - Exar Corporation

Back Button SP3082E Datasheet HTML 13Page - Exar Corporation SP3082E Datasheet HTML 14Page - Exar Corporation SP3082E Datasheet HTML 15Page - Exar Corporation SP3082E Datasheet HTML 16Page - Exar Corporation SP3082E Datasheet HTML 17Page - Exar Corporation SP3082E Datasheet HTML 18Page - Exar Corporation SP3082E Datasheet HTML 19Page - Exar Corporation SP3082E Datasheet HTML 20Page - Exar Corporation SP3082E Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3080E-SP3088E_100_062309
Driver Enable and Disable Times Test Circuit and Timing Diagram
Receiver Propagation Delay Test Circuit and Timing Diagram
GENERATOR
50Ω
S1
R
L = 500Ω
OUT
C
L = 50pF
D
0 or Vcc
Z
Y
DI
Vcc
DE
Vcc OUT
Vcc/2
t
ZL, tZL(SHDN)
V
OM = (VOL + Vcc)/2
tLZ
0.25V
Vcc
0
V
OL
OUT
R
A
B
VID
RE
C
L
15pF
B
A
OUT
tPHL
tPLH
+1V
-1V
V
OH
V
OL
1.5V
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com