Electronic Components Datasheet Search
  English  ▼

X  

SP3082E Datasheet(PDF) 25 Page - Exar Corporation

Part # SP3082E
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3082E Datasheet(HTML) 25 Page - Exar Corporation

Back Button SP3082E Datasheet HTML 17Page - Exar Corporation SP3082E Datasheet HTML 18Page - Exar Corporation SP3082E Datasheet HTML 19Page - Exar Corporation SP3082E Datasheet HTML 20Page - Exar Corporation SP3082E Datasheet HTML 21Page - Exar Corporation SP3082E Datasheet HTML 22Page - Exar Corporation SP3082E Datasheet HTML 23Page - Exar Corporation SP3082E Datasheet HTML 24Page - Exar Corporation SP3082E Datasheet HTML 25Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
25
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3080E-SP3088E_100_062309
ORDERING INFORMATION
Part number LEAD FREE Tape & Reel
Temperature range
Package Type
SP3080EEN
-L
/TR
From -40 to +850C
14 pin nSOIC
SP3081EEN
-L
/TR
From -40 to +850C
8 pin nSOIC
SP3082EEN
-L
/TR
From -40 to +850C
8 pin nSOIC
SP3083EEN
-L
/TR
From -40 to +850C
14 pin nSOIC
SP3084EEN
-L
/TR
From -40 to +850C
8 pin nSOIC
SP3085EEN
-L
/TR
From -40 to +850C
8 pin nSOIC
SP3086EEN
-L
/TR
From -40 to +850C
14 pin nSOIC
SP3087EEN
-L
/TR
From -40 to +850C
8 pin nSOIC
SP3088EEN
-L
/TR
From -40 to +850C
8 pin nSOIC
All packages are available as lead free (RoHS compliant). To order add “-L” suffix to part number.
For Tape and Reel add “/TR”. Reel quantity is 2,500 for NSOIC.
Example: SP3082EEN-L/TR = lead free and Tape and Reel. SP3082EEN/TR = standard with Tape
and Reel.
REVISION HISTORY
DATE
REVISION DESCRIPTION
2/22/07
M
Legacy Sipex Datasheet
06/23/09
1.0.0
Convert to Exar Format and Change revision to 1.0.0.
Notice
EXAR Corporation reserves the right to make changes to any products contained in this publication in order to improve design, performance or reliabil-
ity. EXAR Corporation assumes no representation that the circuits are free of patent infringement. Charts and schedules contained herein are only for
illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully checked;
no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for
use in such applications unless EXAR Corporation receives, in writting, assurances to its satisfaction that: (a) the risk of injury or damage has been
minimized ; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Copyright 2009 EXAR Corporation
Datasheet June 2009
Send your Interface technical inquiry with technical details to: uarttechsupport@exar.com
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com