Electronic Components Datasheet Search
  English  ▼

X  

SP3085E Datasheet(PDF) 11 Page - Exar Corporation

Part # SP3085E
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3085E Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP3085E Datasheet HTML 7Page - Exar Corporation SP3085E Datasheet HTML 8Page - Exar Corporation SP3085E Datasheet HTML 9Page - Exar Corporation SP3085E Datasheet HTML 10Page - Exar Corporation SP3085E Datasheet HTML 11Page - Exar Corporation SP3085E Datasheet HTML 12Page - Exar Corporation SP3085E Datasheet HTML 13Page - Exar Corporation SP3085E Datasheet HTML 14Page - Exar Corporation SP3085E Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3080E-SP3088E_100_062309
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver Average Propagation Delay vs
Temperature (SP3086-SP3088)
40
42
44
46
48
50
52
54
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Propagation Delay (ns)
C L=15pF, V ID=±2V
Driver and Receiver Hot Swap
Performance vs. Vcc
Driver Propagation Delay
(SP3080-SP3082)
Driver output Waveform
Low to High (SP3080-SP3082)
Driver output Waveform
High to Low (SP3080-SP3082)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com