Electronic Components Datasheet Search
  English  ▼

X  

SP3085E Datasheet(PDF) 19 Page - Exar Corporation

Part # SP3085E
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3085E Datasheet(HTML) 19 Page - Exar Corporation

Back Button SP3085E Datasheet HTML 15Page - Exar Corporation SP3085E Datasheet HTML 16Page - Exar Corporation SP3085E Datasheet HTML 17Page - Exar Corporation SP3085E Datasheet HTML 18Page - Exar Corporation SP3085E Datasheet HTML 19Page - Exar Corporation SP3085E Datasheet HTML 20Page - Exar Corporation SP3085E Datasheet HTML 21Page - Exar Corporation SP3085E Datasheet HTML 22Page - Exar Corporation SP3085E Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 510-668-7017 • www.exar.com
SP3080E-SP3088E_100_062309
FUNCTION TABLES
Receiving
Inputs
Output
RE
DE
V
A - VB
RO
0
X
≥ -40mV
1
0
X
≤-200mV
0
0
X
Open/shorted
1
1
1
X
High-Z
1
0
X
Shutdown
Transmitting
Inputs
Outputs
RE
DE
DI
Y
Z
X
1
1
1
0
X
1
0
0
1
0
0
X
High-Z
1
0
X
Shutdown
SP3080E, SP3083E, SP3086E (Full Duplex)
SP3081E SP3084E, SP3087E (Full Duplex)
Transmitting
Input
Outputs
DI
Y
Z
1
1
0
0
0
1
Open
1
0
Receiving
Inputs
Output
V
A - VB
RO
≥ -40mV
1
≤-200mV
0
Open/shorted
1
SP3082E SP3085E, SP3088E (Half Duplex)
Transmitting
Inputs
Outputs
RE
DE
DI
A
B
X
1
1
1
0
X
1
0
0
1
0
0
X
High-Z
1
0
X
Shutdown
Receiving
Inputs
Output
RE
DE
V
A - VB
RO
0
X
≥ -40mV
1
0
X
≤-200mV
0
0
X
Open/shorted
1
1
1
X
High-Z
1
0
X
Shutdown
Note: Receiver inputs -200mV < VA - VB < -40mV, should be considered indeterminate
PRODUCT SELECTOR GUIDE
Part
Number
Duplex
Data Rate
(Mbps)
Shut-down Receiver &
Driver Enable Trans on Bus Foot-print
pin-compatible
upgrade from:
SP3080E
Full
0.115
Yes
Yes
256
SN75180
MAX3080
SP3081E
Full
0.115
No
No
256
SN75179
MAX3081
SP3082E
Half
0.115
Yes
Yes
256
SN75176
SP483, MAX3082
SP3083E
Full
0.5
Yes
Yes
256
SN75180
MAX3083
SP3084E
Full
0.5
No
No
256
SN75179
MAX3084
SP3085E
Half
0.5
Yes
Yes
256
SN75176
MAX3085
SP3086E
Full
20
Yes
Yes
256
SN75180 SP1491, MAX3086
SP3087E
Full
20
No
No
256
SN75179 SP1490, MAX3087
SP3088E
Half
20
Yes
Yes
256
SN75176 SP1481, MAX3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com