Electronic Components Datasheet Search
  English  ▼

X  

SP6137 Datasheet(PDF) 5 Page - Exar Corporation

Part # SP6137
Description  Wide Input, 900kHz Synchronous PWM Step Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6137 Datasheet(HTML) 5 Page - Exar Corporation

  SP6137 Datasheet HTML 1Page - Exar Corporation SP6137 Datasheet HTML 2Page - Exar Corporation SP6137 Datasheet HTML 3Page - Exar Corporation SP6137 Datasheet HTML 4Page - Exar Corporation SP6137 Datasheet HTML 5Page - Exar Corporation SP6137 Datasheet HTML 6Page - Exar Corporation SP6137 Datasheet HTML 7Page - Exar Corporation SP6137 Datasheet HTML 8Page - Exar Corporation SP6137 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
S
SP
P6
61
13
37
7
W
Wiid
de
e IIn
np
pu
utt,, 9
90
00
0k
kH
Hz
z S
Sy
yn
nc
ch
hrro
on
no
ou
us
s P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n
C
Co
on
nttrro
olllle
err
© 2008 Exar Corporation
5/15
Rev. 2.0.0
ORDERING INFORMATION
Part Number
Temperature
Range
Marking
Package
Packing
Quantity
Note 1
Note 2
SP6137CU-L
0°C≤TA≤+70°C
SP6137CU
CXXX
YWW
10 Pin MSOP
Bulk
Lead free
SP6137CU-L/TR
0°C≤TA≤+70°C
SP6137CU
CXXX
YWW
10 Pin MSOP
Tape & Reel
Lead free
SP6137EU-L
-40°C≤TA≤+85°C
SP6137EU
EXXX
YWW
10 Pin MSOP
Bulk
Lead free
SP6137EU-L/TR
-40°C≤TA≤+85°C
SP6137EU
EXXX
YWW
10 Pin MSOP
Tape & Reel
Lead free
SP6137LEDEB
SP6137 LED Evaluation Board
“YY” = Year – “WW” = Work Week – “XXX” = Lot Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com