Electronic Components Datasheet Search
  English  ▼

X  

SP6137 Datasheet(PDF) 6 Page - Exar Corporation

Part # SP6137
Description  Wide Input, 900kHz Synchronous PWM Step Down Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6137 Datasheet(HTML) 6 Page - Exar Corporation

Back Button SP6137 Datasheet HTML 2Page - Exar Corporation SP6137 Datasheet HTML 3Page - Exar Corporation SP6137 Datasheet HTML 4Page - Exar Corporation SP6137 Datasheet HTML 5Page - Exar Corporation SP6137 Datasheet HTML 6Page - Exar Corporation SP6137 Datasheet HTML 7Page - Exar Corporation SP6137 Datasheet HTML 8Page - Exar Corporation SP6137 Datasheet HTML 9Page - Exar Corporation SP6137 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
S
SP
P6
61
13
37
7
W
Wiid
de
e IIn
np
pu
utt,, 9
90
00
0k
kH
Hz
z S
Sy
yn
nc
ch
hrro
on
no
ou
us
s P
PW
WM
M S
Stte
ep
p D
Do
ow
wn
n
C
Co
on
nttrro
olllle
err
© 2008 Exar Corporation
6/15
Rev. 2.0.0
THEORY OF OPERATION
GENERAL OVERVIEW
The SP6137 is a fixed frequency, voltage
mode, synchronous PWM controller optimized
for high efficiency. The part has been designed
to be especially attractive for split plane
applications utilizing 5V to power the controller
and 3V to 20V for step down conversion. The
heart of the SP6137 is a wide bandwidth
transconductance
amplifier
designed
to
accommodate
Type
II
and
Type
III
compensation schemes. A precision 0.8V
reference present on the positive terminal of
the error amplifier permits the programming
of the output voltage down to 0.8V via the VFB
pin. The output of the error amplifier, COMP,
compared to a 1.1V peak-to-peak ramp is
responsible for trailing edge PWM control. This
voltage ramp and PWM control logic are
governed by the internal oscillator that
accurately sets the PWM frequency to 300kHz.
The SP6137 contains two unique control
features that are very powerful in distributed
applications. First, non-synchronous driver
control is enabled during start up to prohibit
the low side NFET from pulling down the
output until the high side NFET has attempted
to turn on. Second, a 100% duty cycle timeout
ensures that the low side NFET is periodically
enhanced during extended periods at 100%
duty cycle. This guarantees the synchronized
refreshing of the BST capacitor during very
large duty ratios. The SP6137 also contains a
number of valuable protection features. A
programmable input (VIN) UVLO allows a user
to set the exact value at which the conversion
voltage is at a safe point to begin down
conversion, and an internal VCC UVLO ensures
that the controller itself has enough voltage to
properly operate. Other protection features
include thermal shutdown and short-circuit
detection. In the event that either a thermal,
short-circuit, or UVLO fault is detected, the
SP6137 is forced into an idle state where the
output drivers are held off for a finite period
before a re-start is attempted.
SOFT START
“Soft Start” is achieved when a power
converter ramps up the output voltage while
controlling the magnitude of the input supply
source current. In a modern step down
converter, ramping up the positive terminal of
the error amplifier controls soft start. As a
result, excess source current can be defined as
the current required to charge the output
capacitor.
IVIN = COUT * DVOUT / DTSoft-start
The SP6137 provides the user with the option
to program the soft start rate by tying a
capacitor from the SS pin to GND. The
selection of this capacitor is based on the
10uA pull up current present at the SS pin and
the 0.8V reference voltage. Therefore, the
excess source can be redefined as:
IVIN = COUT * DVOUT *10μA / (CSS * 0.8V)
UNDER VOLTAGE LOCK OUT (UVLO)
The SP6137 contains two separate UVLO
comparators to monitor the bias (VCC) and
conversion (VIN) voltages independently. The
VCC UVLO threshold is internally set to 4.25V,
whereas
the
VIN
UVLO
threshold
is
programmable through the UVIN pin. When
the UVIN pin is greater than 2.5V, the SP6137
is permitted to start up pending the removal of
all other faults. Both the VCC and VIN UVLO
comparators
have
been
designed
with
hysteresis to prevent noise from resetting a
fault.
THERMAL AND SHORT-CIRCUIT PROTECTION
Because the SP6137 is designed to drive large
NFETs running at high current, there is a
chance that either the controller or power
converter will become too hot. Therefore, an
internal thermal shutdown (145°C) has been
included to prevent the IC from malfunctioning
at extreme temperatures.
A short-circuit detection comparator has also
been included in the SP6137 to protect against
the accidental short or sever build up of
current at the output of the power converter.
This comparator constantly monitors the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com