Electronic Components Datasheet Search
  English  ▼

X  

SP6887 Datasheet(PDF) 3 Page - Exar Corporation

Part # SP6887
Description  4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6887 Datasheet(HTML) 3 Page - Exar Corporation

  SP6887 Datasheet HTML 1Page - Exar Corporation SP6887 Datasheet HTML 2Page - Exar Corporation SP6887 Datasheet HTML 3Page - Exar Corporation SP6887 Datasheet HTML 4Page - Exar Corporation SP6887 Datasheet HTML 5Page - Exar Corporation SP6887 Datasheet HTML 6Page - Exar Corporation SP6887 Datasheet HTML 7Page - Exar Corporation SP6887 Datasheet HTML 8Page - Exar Corporation SP6887 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PIN DESCRIPTION
Rev. C – 10/31/2007
SP6887 4 Channel WLED Driver
© 2007 Exar Corporation
3/10
Thin QFN-16 3mmx3mm
Pin Number
Name
Description
1
EN
Enable Input, Active High
2
CTR0
Digital Control Input 0
3
CTR1
Digital Control Input 1
4
CTR2
Digital Control Input 2
5
RSET
Set Resistance
6
VOUT
Charge pump output connected to the LED anodes
7
VIN
Supply Voltage
8
C1+
Bucket Capacitor 1 Terminal
9
C1-
Bucket Capacitor 1 Terminal
10
C2-
Bucket Capacitor 2 Terminal
11
C2+
Bucket Capacitor 2 Terminal
12
GND
Ground Reference
13
LED4
LED4 Cathode Terminal
14
LED3
LED3 Cathode Terminal
15
LED2
LED2 Cathode Terminal
16
LED1
LED1 Cathode Terminal
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for
prolonged time periods may affect device reliability. All voltages are with respect to ground.
VIN, VOUT, LEDx, Pin Voltage............. -0.3V to 6V
EN, CTRx Pin Voltage ..................... -0.3V to VIN
RSET Pin Voltage ........................... -0.3V to VIN
Ambient Temperature Range ..... -40ºC to +85ºC
Storage Temperature Range .... -65ºC to +160ºC
Lead Temperature................................. 300ºC
ESD Ratings – Human Body Model ........... 2000V
Recommended Operating Conditions
Vin ........................................ +2.7V to +5.5V
Input/Output/Bucket Capacitors...1±20%µF(typ)
Ambient Temperature ...............-40ºC to +85ºC
ILED per LED ..............................0mA to 30mA
Thermal Information
Parameter
Symbol
Package
Max
Unit
Thermal Resistance (Junction to Ambient)
θJA
TQFN-16
34
ºC
Power Dissipation PD@TA=25ºC
PD
TQFN-16
2.9
W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com