Electronic Components Datasheet Search
  English  ▼

X  

SP6887 Datasheet(PDF) 9 Page - Exar Corporation

Part # SP6887
Description  4 CHANNEL REGULATED CHARGE PUMP WLED DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP6887 Datasheet(HTML) 9 Page - Exar Corporation

Back Button SP6887 Datasheet HTML 2Page - Exar Corporation SP6887 Datasheet HTML 3Page - Exar Corporation SP6887 Datasheet HTML 4Page - Exar Corporation SP6887 Datasheet HTML 5Page - Exar Corporation SP6887 Datasheet HTML 6Page - Exar Corporation SP6887 Datasheet HTML 7Page - Exar Corporation SP6887 Datasheet HTML 8Page - Exar Corporation SP6887 Datasheet HTML 9Page - Exar Corporation SP6887 Datasheet HTML 10Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
THEORY OF OPERATION
Rev. C – 10/31/2007
SP6887 4 Channel WLED Driver
© 2007 Exar Corporation
9/10
Method 4: LED Current Setting Using
a PWM Signal to EN Pin
The 4 LEDs turn on and off by applying a
PWM signal to the EN pin as shown in
figure 3. The circuit is the same as to the
method 3, using a resistor RSET to set the
on state current and the average LED
current
is
then
proportional
to
the
percentage of on-time when the EN pin is
logic
low.
Average
LED
current
is
approximately equal to:
ILEDAVG = (tON*ILED_ON)/ (tON + tOFF)
Similarly,
the
recommended
PWM
frequency is between 100Hz and 1KHz.
Due to start up delay and ramp up time,
frequency >1KHz will result in error in the
average value of ILED. Frequency <100Hz
can naturally cause the LEDs to blink
visibly.
Figure 3: PWM Signal at EN Pin for LED
Current Control
PCB Layout
When the driver is in the 1.5X charge
pump
mode,
the
1MHz
switching
frequency operation require to minimize
the trace length and impedance to ground
on all 4 capacitors. A ground plane should
cover the area on the bottom side of the
PCB opposite to the IC and the bypass
capacitors. Capacitors CIN and Co require
to short connection to ground which can
be done with multiple vias as shown on
Figure4.
Square copper area matches the QFN 16
exposed pad (GND) which is connected by
a trace to the pin 12 pad (GND). A large
via (metalized hole) centered in the
square pad provides a low impedance
connection to the ground plane on the
opposite side of the PCB and allows the
heat dissipated by the driver IC to spread
out
resulting
in
excellent
thermal
performance.
Figure 4: PCB Lay-out



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com