Electronic Components Datasheet Search
  English  ▼

X  

SW90-0001 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW90-0001
Description  GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW90-0001 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW90-0001 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW90-0001 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW90-0001 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW90-0001 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SW90-0001 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPST Switch, Absorptive,
Single Supply, DC-4.0 GHz
Rev. V11
SW90-0001
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Operates DC - 4 GHz on Single Supply
• ASIC TTL / CMOS Driver
• Low DC Power Consumption
• 50 Ohm Nominal Impedance
• Test Boards are Available
• Tape and Reel are Available
• 4 x 6 mm PQFN Package
Description
M/A-COM's SW90-0001 is a SPST absorptive
pHEMT switch with integral TTL driver. This device
is in an MLP plastic surface mount package. This
switch offers excellent broadband performance and
repeatability from DC to 4 GHz, while maintaining
low DC power dissipation. The SW90-0001 is ideally
suited for wireless infrastructure applications.
Ordering Information
Part Number
Package
SW90-0001
Bulk Packaging
SW90-0001TR
1000 piece reel
SW90-0001-TB
Sample Test Board
Note: Reference Application Note M513 for reel size
information.
Pin Configuration
1,2,3,4
Pin No.
Function
Pin No.
Function
1
NC
17
NC
2
NC
18
NC
3
C1
19
VCC
4
NC
20
NC
5
NC
21
CP2
6
NC
22
NC
7
NC
23
CP1
8
NC
24
NC
9
NC
25
VEE
10
NC
26
GND
11
GND
27
RF1
12
RF2
28
GND
13
GND
29
NC
14
NC
30
VEE
15
NC
31
NC
16
NC
32
VCC
1.
NC = No Connection
2.
VEE is internally generated and must remain isolated from
external power supplies. Generated noise is typical of
switching DC-DC Converters
3.
Connections and external components shown in func-
tional schematic are required. 0.1 µF Capacitors need to
be located near pins 30 & 32.
4.
The exposed pad centered on the package bottom must
be connected to RF and DC ground. (For PQFN Pack-
ages)
Truth Table (Switch)
Control Input
Condition of the Switch
C1
RF1 to RF2
0
Off
1
On


Similar Part No. - SW90-0001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW90-0001 MACOM-SW90-0001 Datasheet
236Kb / 3P
GaAs SPST Switch, Absorptive, Single Supply, DC - 4 GHz
SW90-0001-TB MACOM-SW90-0001-TB Datasheet
236Kb / 3P
GaAs SPST Switch, Absorptive, Single Supply, DC - 4 GHz
SW90-0001TR MACOM-SW90-0001TR Datasheet
236Kb / 3P
GaAs SPST Switch, Absorptive, Single Supply, DC - 4 GHz
More results

Similar Description - SW90-0001

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007070-000100 MACOM-MASW-007070-000100 Datasheet
266Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007071-000100 MACOM-MASW-007071-000100 Datasheet
268Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASWCC0006 MACOM-MASWCC0006 Datasheet
257Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASWCC0010 MACOM-MASWCC0010 Datasheet
238Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
SW90-0004A MACOM-SW90-0004A Datasheet
178Kb / 4P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
logo
M/A-COM Technology Solu...
SW90-0003 MA-COM-SW90-0003 Datasheet
152Kb / 5P
GaAs SP4T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASW-007070-000100 MA-COM-MASW-007070-000100 Datasheet
154Kb / 5P
GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
MASWCC0006 MA-COM-MASWCC0006 Datasheet
153Kb / 5P
GaAs SP6T Switch, Absorptive, Single Supply DC - 4.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100 Datasheet
157Kb / 5P
GaAs SPDT Switch, Absorptive, Single Supply, DC-4.0 GHz
MASW-007071-000100 MA-COM-MASW-007071-000100_15 Datasheet
808Kb / 6P
GaAs SPDT Switch, Absorptive Single Supply, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com