Electronic Components Datasheet Search
  English  ▼

X  

SW90-0001 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # SW90-0001
Description  GaAs SPST Switch, Absorptive, Single Supply, DC-4.0 GHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW90-0001 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  SW90-0001 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW90-0001 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW90-0001 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SW90-0001 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. SW90-0001 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
4
GaAs SPST Switch, Absorptive,
Single Supply, DC-4.0 GHz
Rev. V11
SW90-0001
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Functional Schematic
12
12.Dual Supply Operation will eliminate the start-up current mentioned in Note 5. It will also eliminate spurious signals caused by
the DC-DC converter that are present in single supply operation.
Isolation (dB) vs. Frequency
Typical Performance Curves
Insertion Loss vs. Frequency
0.0
0.3
0.6
0.9
1.2
1.5
0
100020003000
4000
Fre que ncy (MHz )
+ 85°C
- 40 °C
+ 25°C
0
15
30
45
60
75
90
0
1000
2000
3000
4000
Fre que ncy (MHz )
Single Supply Operation
Vcc = +5V
Dual Supply Operation
Vcc = +5V, Vee = -5V to –8V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com