Electronic Components Datasheet Search
  English  ▼

X  

MASW-007221 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-007221
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-007221 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-007221 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-007221 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-007221 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V1
MASW-007221
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Insertion Loss: < 0.3 dB @ 900 MHz
• Low Power Consumption: < 15 µA @ -2.3 Volts
• Positive or Negative 2.3 to 8 Volt Control
• Lead-Free SC-70 (SOT-363) Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant version of SW-456
Description
M/A-COM’s MASW-007221 is a GaAs monolithic
switch in a lead-free SC-70 (SOT-363) surface
mount plastic package.
The MASW-007221 is
ideally suited for applications where very low power
consumption, low insertion loss, very small size, and
low cost are required.
Typical applications are in
dual band systems where switching between small
signal components is required, i.e. filter banks,
single-band LNA’s, converters, etc.
The MASW-007221 can be used in applications up
to 0.25 watts in systems such as cellular, PCS,
DCS1800,
GSM,
CDMA,
W-CDMA
and
other
analog / digital wireless communication systems.
The MASW-007221 is fabricated using a mature 0.5
micron PHEMT process. The process features full
passivation for performance and reliability.
Functional Schematic: Positive Control
Voltage
RF1
PIN 1
GND
RF2
VCTL1
RFC
VCTL2
Functional Schematic: Negative Control
Voltage
Pin Configuration
PIN
Function
Description
1
RF1
RF In/Out
2
GND
RF Ground
3
RF2
RF In/Out
4
VCTL2
Voltage Control 2
5
RFC
RF Common
6
VCTL1
Voltage Control 1
Ordering Information
1
Part Number
Package
MASW-007221-000000
Bulk Packaging
MASW-007221-TR3000
3000 piece reel
1. Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Absolute Maximum Ratings
2,3
Parameter
Absolute Maximum
Input Power (0.5 - 3.0 GHz)
3 V Control
5 V Control
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
+30 dBm
+33 dBm
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
3. M/A-COM does not recommend sustained operation near
these survivability limits.
PIN 1
RF1
GND
RF2
VCTL1
RFC
VCTL2
1000 pF
1000 pF
1000 pF


Similar Part No. - MASW-007221

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch
logo
Tyco Electronics
MASW-007221-000000 MACOM-MASW-007221-000000 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASW-007221-000000 MA-COM-MASW-007221-000000 Datasheet
552Kb / 4P
GaAs SPDT Switch
logo
Tyco Electronics
MASW-007221-TR3000 MACOM-MASW-007221-TR3000 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
More results

Similar Description - MASW-007221

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MA-COM-MASWSS0136 Datasheet
94Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192_15 Datasheet
692Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com