Electronic Components Datasheet Search
  English  ▼

X  

MASW-007221 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-007221
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-007221 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASW-007221 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-007221 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-007221 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V1
MASW-007221
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, VCTL = 0, -2.3 volts (unless otherwise specified) , Z0 = 50
4. External DC blocking capacitors are required on all RF ports when using positive voltage control.
5. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 GHz - 3 GHz.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
5
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
—
—
—
0.35
0.45
0.56
0.5
0.6
0.8
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
20
15
10
22
17
12
—
—
—
VSWR
DC - 3 GHz
Ratio
—
1.2:1
1.4:1
P1dB (2.3V supply)
500 MHz - 3 GHz
dBm
—
21
—
P1dB (3V supply)
500 MHz - 3 GHz
dBm
—
27
—
Input IP2
2-Tone 900 MHz, 5 MHz spacing (3.0 V)
dBm
—
81
—
Input IP3
2-Tone 900 MHz, 5 MHz spacing (3.0 V)
dBm
—
52
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
—
25
—
Ton, Toff
50% Control to 90% RF, Control to 10% RF
ns
—
25
—
Transients
In-Band
mV
—
25
—
Control Current
VCTL = -2.3 V
µA
—
4
15
Isolation
Qualification
Qualified
to
M/A-COM
specification
REL-201,
Process Flow –2.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to
electrostatic discharge (ESD) and can be damaged
by static electricity. Proper ESD control techniques
should be used when handling these devices.
Truth Table
Mode
(Control)
V1
V2
RFC -
RF1
RFC -
RF2
Positive
6
0 ± 0.2 V
+2.3 to +8 V
Off
On
+2.3 to +8 V
0 ± 0.2 V
On
Off
0 ± 0.2 V
-2.3 V to -8 V
On
Off
-2.3 V to -8 V
0 ± 0.2 V
Off
On
Negative
7
6. External DC blocking capacitors are required on all RF ports.
1000 pF capacitors used for positive control voltage. For
higher frequency operation, smaller value DC blocking ca-
pacitors can be substituted.
7. If negative control is used, DC blocking capacitors are not
required on RF ports.
Lead-Free SC-70 (SOT-363)
†
†
Reference Application Note M538 for lead-free solder reflow
recommendations.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com