Electronic Components Datasheet Search
  English  ▼

X  

MA4L031 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4L031
Description  Silicon PIN Limiter Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4L031 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4L031 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4L031 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4L031 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4L031 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4L031 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4L031 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MA4L
Series
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Silicon PIN Limiter Diodes
V13
Features
• Low Insertion Loss and Noise Figure
• High Peak and Average Operating Power
• Various P1dB Compression Powers
• Low Flat Leakage Power
• Proven Reliable, Silicon Nitride Passivation
• RoHS Compliant
Description
M/A-COM Technology Solutions produces a series of
silicon PIN limiter diodes with small and medium I-region
lengths which are specifically designed for high signal
applications. The devices are designed to provide low
insertion loss, at zero bias, as well as low flat leakage
power with fast signal response/recovery times. Parts are
available as discrete die or assembled into a variety of
surface mount or ceramic pill packages. See the Available
Case Style
table on page 6 for the specific ceramic
package styles and their availability for individual part
numbers
.
Applications
The MA4Lseries of PIN limiter diodes are designed for use
in passive limiter control circuits to protect sensitive
receiver components such as low noise amplifiers (LNA),
detectors, and mixers covering the 10 MHz to 18 GHz
frequency range.
Parameter
Absolute Maximum
Forward Current
100mA
Operating Temperature
-55°C to +125°C
Storage Temperature
-55°C to +150°C
Junction Temperature
+175°C
RF Peak & C.W. Incident Power Per Performance Table
Mounting Temperature
+320°C for 10 sec.
Absolute Maximum Ratings1 TAMB = 25°C
(Unless otherwise specified)
Note:
1. Exceeding any of the above ratings may cause
permanent damage.
ODS
Dimension
mils
µm
A
15 ± 2
381 ± 51
B
7 ±1*
178 ± 25.4
134
Anode
A Square
B
Full Area Cathode
Chip Outline
Note:
The MADL-000301-01340W and MA4L401-134
“B” dimension, is 10 ±1 mils


Similar Part No. - MA4L031

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4L031 MA-COM-MA4L031 Datasheet
724Kb / 8P
Silicon PIN Limiter Diodes
logo
Tyco Electronics
MA4L031-134 MACOM-MA4L031-134 Datasheet
205Kb / 3P
Limiter PIN Diodes
MA4L031-134 MACOM-MA4L031-134 Datasheet
374Kb / 6P
Silicon PIN Limiter Diodes
logo
List of Unclassifed Man...
MA4L031-134 ETC2-MA4L031-134 Datasheet
191Kb / 7P
Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MA4L031-134 MA-COM-MA4L031-134 Datasheet
724Kb / 8P
Silicon PIN Limiter Diodes
More results

Similar Description - MA4L031

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4L MACOM-MA4L Datasheet
205Kb / 3P
Limiter PIN Diodes
MA4L MACOM-MA4L_1 Datasheet
374Kb / 6P
Silicon PIN Limiter Diodes
logo
Microsemi Corporation
GMP4201 MICROSEMI-GMP4201 Datasheet
133Kb / 2P
Surface Mount PIN & Limiter Diodes
logo
List of Unclassifed Man...
MA4L401-30 ETC2-MA4L401-30 Datasheet
191Kb / 7P
Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110 Datasheet
175Kb / 5P
Silicon PIN Limiter Diodes
MADL-0110 MA-COM-MADL-0110_15 Datasheet
175Kb / 5P
Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L_15 Datasheet
724Kb / 8P
Silicon PIN Limiter Diodes
logo
American Microsemicondu...
MLD5117 AMMSEMI-MLD5117 Datasheet
692Kb / 1P
LIMITER DIODES
MLD5119 AMMSEMI-MLD5119 Datasheet
692Kb / 1P
LIMITER DIODES
logo
M/A-COM Technology Solu...
MLP7130-0805-2 MA-COM-MLP7130-0805-2 Datasheet
642Kb / 5P
Silicon Limiter PIN Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com