Electronic Components Datasheet Search
  English  ▼

X  

MA4L031 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MA4L031
Description  Silicon PIN Limiter Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4L031 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MA4L031 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4L031 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4L031 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4L031 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4L031 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4L031 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MA4L
Series
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Silicon PIN Limiter Diodes
V13
Un-Packaged Die Electrical Specifications at TAMB = 25°C
Minimum
Reverse
Voltage
VR
Maximum
Reverse
Voltage
VR
Minimum
Cj0V
pF
Maximum
Cj0V
pF
Maximum
RS 10mA
Ohms1
Nominal Characteristics
Carrier
Lifetime
IFOR =10mA
IREV = -6mA
nS1
I-Region
Thickness
µM
Contact
Diameter
mils
Thermal
Resistance
°C/W1
MA4L011-134
15
35
0.08
0.18
2.10
10
2
1.2
175
MA4L021-134
20
35
0.10
0.20
2.10
10
2
1.2
175
MA4L022-134
20
35
0.09
0.19
2.00
10
2
1.2
175
MA4L031-134
30
50
0.14
0.21
2.00
20
3
1.4
150
MA4L032-134
30
50
0.13
0.20
2.50
15
3
1.5
150
MA4L062-134
50
75
0.07
0.15
2.50
70
4
1.5
150
MA4L101-134
100
0.15
2.00
90
13
3.5
30
MA4L401-134
250
0.30
1.20
800
25
4.5
25
Part Number
MADL-000301-01340W
200
0.20
1.50
200
20
3.0
30
*Nominal High Signal Performance at TAMB = 25°C
Part Number
Incident Peak
Power for
1dB Limiting
@
9.4GHz
dBm
Incident Peak
Power for
10dB Limiting
@
9.4GHz
dBm
Incident Peak
Power for
15dB Limiting
@
9.4GHz
dBm
Recovery Time
(3 dB)
@
50W Peak Power
nS
Maximum
Incident
Peak Power
Watts
Maximum CW
Input Power
Watts
MA4L011-134
7
30
40
10
80
2
MA4L021-134
8
31
41
15
90
3
MA4L022-134
8
31
41
15
90
3
MA4L031-134
10
33
43
25
125
4
MA4L032-134
11
34
44
25
125
4
MA4L062-134
15
38
50
75
200
5
MA4L101-134
20
45
53
100
250
6
MA4L401-134
30
52
60
250
1000
10
MADL-000301-01340W
23
46
59
50
500
7
*See page 3 for high signal performance parameter notes.
Note:
1.
Test performed with the chip mounted in an ODS-30 package.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com