Electronic Components Datasheet Search
  English  ▼

X  

SA2104 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SA2104
Description  3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2104 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA2104 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SA2104/SA2104S
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.07.31
Http: www.silan.com.cn
Page 2 of 13
MAXIMUM RATINGS (Tamb=25°C)
Parameter
Symbol
Rating
Unit
Maximum Supply Voltage
VCC
14
V
Indicator Drive Current
ILED
10
mA
Indicator Voltage
VLED
8
V
SA2104
1200
Power Dissipation
SA2104S
PD (note)
500
mW
Operating Temperature
Topr
-20~+70
°C
Storage Temperature
Tstg
-40~+125
°C
Note: Derated above Tamb=25
°C in the proportion of 9.6mW/°C for SA2104 of 4mW/°C for SA2104S.
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Tamb=25°C, VCC=3V, F/E : f=98 MHz,
fm=1 kHz ,FM IF : f=10.7 MHz,
∆f =±22.5 kHz, fm= 1 kHz . AM : f=1 MHz, MOD=30%, fm=1 kHz. MPX: fm=1kHz)
(TO be continued)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
ICC(FM)
VIN=0, FM mode
--
11.0
18
Quiescent Current
ICC(AM)
VIN=0, AM mode
--
7.5
14
mA
Input Limiting Voltage
Vin(lim)
VIN=60 dB
µV EMF
-3dB limiting
--
10
--
dB
µV
EMF
F/E
Local
OSC
BUFFER
OUTPUT Voltage
VOSC (buff)
FM
FOSC=108.7MHz
23
35
--
mVrms
Input Limiting Voltage
Vin(lim) IF
VIN=80dB
µV EMF
-3dB limiting
35
38
47
dB
µV
EMF
Recovered Output Voltage
VOD
VIN=80dB
µV EMF
200
270
300
mVrms
Signal To Noise Ratio
S/N
VIN=80dB
µV EMF
--
75
--
dB
Total Harmonic Distortion
THD
VIN=80dB
µV EMF
--
0.3
--
%
AM Rejection Ration
AMR
VIN=80dB
µV EMF
--
60
--
dB
IF Count Output
Frequency
fIF (FM)
VIN=80dB
µV EMF
SW7: ON
1.3373
1.3375
1.3377
MHz
IF Count Output Voltage
VIF (FM)
VIN=80dB
µV EMF
SW7: ON
200
260
--
mVp-p
FM
IF
IF Count Output Sensitivity
IF sens
(FM)
SW7: ON
40
45
50
dB
µV
EMF
Gain
GV
VIN=27dB
µV EMF
20
38
70
mVrms
Recovered Output Voltage
VOD
VIN=60dB
µV EMF
60
90
120
mVrms
Signal To Noise Ratio
S/N
VIN=60dB
µV EMF
--
41
--
dB
Total Harmonic Distortion
THD
VIN=60dB
µV EMF
--
0.7
--
%
Local OSC Buffer Output
Voltage
VOSC (buff)
AM
fOSC=1.45MHz
44
66
--
mVrms
IF Count Output Voltage
VIF (AM)
VIN=60dB
µV EMF, SW7: ON
200
250
--
mVp-p
AM
IF Count Output Sensitivity
IF sens
(AM)
SW7: ON
38
43
48
dB
µV
EMF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com