Electronic Components Datasheet Search
  English  ▼

X  

SA2104 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SA2104
Description  3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2104 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SA2104 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA2104 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SA2104/SA2104S
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.07.31
Http: www.silan.com.cn
Page 3 of 13
(Continued)
COIL DATA
Turns
Coil No.
Test Freq.
L
(
µH)
Co
(pF)
Qo
1-2
2-3
1-3
1-4
4-6
Wire
(mm
∅)
L1 FM RF
100MHz
--
--
79
--
--
--
2
2
1
--
0.16UEW
L2 FM OSC
100MHz
--
--
76
--
--
--
2
--
0.16UEW
T1 AM OSC
796kHz
268
--
65
19
95
--
--
--
0.05UEW
T2 AM IFT
455kHz
--
470
60
--
--
109
--
7
0.05UEW
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
FM mode
--
0.75
--
Pin (17) Output Resistance
R17
AM mode
--
15.5
--
k
Ω
Input Resistance
RIN
--
--
55
--
k
Ω
Output Resistance
ROUT
--
--
5
--
k
Ω
Max.
Composite
Signal
Input Voltage
Vin MAX
(Stereo)
L+R=90%, P=10%,
SW3: LPF ON fm=1kHz,
THD=3%
--
700
--
mVrms
fm=100Hz
--
44
--
fm=1kHz
35
44
--
Separation
Sep
L+R=180mVrms,
P=20mVrms
SW3: LPF ON
fm=10kHz
--
44
--
dB
Monaural
THD
(Monaural)
Vin=200mVrms
--
0.3
--
Total
Harmonic
Distortion
Stereo
THD
(Stereo)
L+R=180mVrms,
P=20mVrms SW3: LPF ON
--
0.3
--
%
Voltage Gain
GV
Vin=200mVrms
-2.7
-1.2
0.2
dB
Channel Balance
C.B.
Vin=200mVrms
-1.5
0
1.5
dB
ON
VL (ON)
--
10
14
Stereo
LED
Sensitivity
OFF
VL (OFF)
Pilot input(19KHZ)
5
8
--
mVrms
Stereo LED Hysteresis
VH
To LED turn off from LED
turn on
--
2
--
mVrms
Capture Range
C.R.
P=15mVrms
--
±8
--
%
MPX
Signal To Noise Ratio
S/N
Vin=200mVrms
--
80
--
dB
Muting Attenuation
MUTE
Vin=200mVrms
--
80
--
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com