Electronic Components Datasheet Search
  English  ▼

X  

SA3370 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SA3370
Description  PLL FM MULTIPLEXER STEREO DEMODULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA3370 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA3370 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA3370 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA3370 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA3370 Datasheet HTML 4Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SA3370
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.0
2005.02.03
Http: www.silan.com.cn
Page 2 of 4
ELECTRICAL CHARACTERISTICS (At Tamb=25°C, VCC=10V, VIN=300mV, f=1 kHz, L+R=90%, pilot=10%,
see specified test circuit.)
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Quiescent Current
ICCO
--
21
27
mA
Channel Separation
Sep
40
50
--
dB
Monaural Distortion Factor
Mono THD mono=300mV
--
0.05
0.2
%
Stereo Distortion Factor
ST THD
main
--
0.05
0.2
%
Lamp Lighting Level
VL
L+R=90%, pilot=10%
60
85
120
mV
Hysteresis
Hy
--
3
6
dB
Capture Range
CR
Pilot=30mV
--
±3
--
%
Output Signal Level
VO
Sub
140
200
280
mV
S/N Ratio
S/N
70
78
--
dB
Input Resistance (pin3)
RIN
--
20
--
k
Ω
SCA Rejection Ratio
SCArej
--
80
--
dB
Allowable Input Voltage
VIN
THD=1%, Rg=20k
Ω
700
800
--
mV
SNC Output Attenuation
Att SNC
V8=0.6V, L-R=90%, pilot=10%
-8.5
-3.0
-0.3
dB
SNC Output Voltage
VO sub
V8=0.1V, L-R=90%, pilot=10%
--
--
5
mV
Att HCC
(1)
V7=0.6V, L+R=90%, pilot=10%
-15.0
-6.0
-0.5
dB
HCC Output Attenuation
Att HCC
(2)
V7=1V, L+R=90%, pilot=10%
-2.0
--
0
dB
Power Supply Ripple Rejection
Rr
--
35
--
dB
VCO Stopping Voltage
VCO stop
--
6.8
--
V
Channel Balance
CH Ba
--
0.5
1.5
dB
PIN CONFIGURATIONS
PIN DESCRIPTIONS
Pin no.
Pin name
Description
1
VCC
Power supply.
2
IN
Composite input
3
SEP adj
Separation adjust
(To be continued)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com