Electronic Components Datasheet Search
  English  ▼

X  

SA3370 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SA3370
Description  PLL FM MULTIPLEXER STEREO DEMODULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA3370 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SA3370 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA3370 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA3370 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA3370 Datasheet HTML 4Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SA3370
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.0
2005.02.03
Http: www.silan.com.cn
Page 3 of 4
(Continued)
Pin no.
Pin name
Description
4
HC constant
High cut constant
5
LOUT
Left channel output
6
ROUT
Right channel output
7
HCC
When a voltage of 7.5V or higher is applied to this pin, VCO stopped
8
SNC
Forced monaural mode when this pin is connected to ground
9
GND
Ground
10
STLED
Open-collector output can directly drive LED
11, 12
Filter1
Pilot detector low-pass filter
13
FFOUT
19KHz out
14, 15
Filter2
Ripple Filter
16
OSC
Connected a semi-fixed resister
FUNCTION DESCRIPTIONS
1. SNC (stereo noise control) and HCC (high-cut control)
The SA3370 has SNC and HCC terminals for improved S/N ratios when operating in weak radio fields. By
adjusting.
The S/N ratios will be improved through the SNC (stereo noise control) and HCC (high-cut control) terminals.
2. Muting function
Muting in the neighborhood of 37dB are feasible by utilizing HCC functions as muting functions.
3. VCO stopped
When applying a voltage not less than 7V to the HCC terminal, VCO will be stopped and the circuit will work in
monaural mode.
4. Separation control
The separation of SA3370 can be changed by the external semi-resistor.
TEST CIRCUIT



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com