Electronic Components Datasheet Search
  English  ▼

X  

SA6392 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SA6392
Description  4CHANNEL BTL DRIVER FOR CD PLAYERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA6392 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA6392 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA6392 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA6392 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA6392 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA6392 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA6392 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA6392 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA6392 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA6392 Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SA6392
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.2
2004.02.12
Http: www.silan.com.cn
Page 2 of 9
ABSOLUTE MAXIMUM RATING (Tamb=25°C)
Characteristic
Symbol
Value
Unit
Power Supply Voltage
VCC
18
V
Power Dissipation
PD
1.7*
W
Operating Temperature
Topr
-30~+85
°C
Storage Temperature
Tstg
-55~+150
°C
*: Reduced by 13.6mW for each increase in Tamb of 1
°C over 25°C. When mounted on a 50 x 50 x 1.0 mm
phenol paper PCB.
RECOMMENDED OPERATING CONDITIONS (Tamb=25°C)
Characteristics
Symbol
Value
Unit
Power Supply Voltage
VCC
6~16*
V
* Set the power supply voltage according to power dissipation.
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, Tamb=25°C, VCC=8V, f=1KHz, RL=8Ω)
(To be continued)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Quiescent Current
IQ
No load
8
13
18
mA
Bias Pin Voltage
VBIAS
3.4
3.70
4.00
V
Bias Pin Voltage Variance
VBIAS 1mA source, sink
-30
--
30
mV
Mute-off Voltage
VMON
2.0
--
--
V
Mute-on Voltage
VMOFF
--
--
0.5
V
Drivers Other than Spindle
Input High Level Voltage
VIH
2.4
--
--
V
Input Low Level Voltage
VIL
--
--
0.5
V
Input High Level Current
IIH
VIN=5V
170
310
450
µA
Input Low Level Current
IIL
VIN=0V
-10
--
0
µA
Output Voltage, Offset
VOO
(same for spindle)
-30
--
30
mV
Output High Level Voltage
VOHD
FIN=5V, RIN=0V
5.2
5.6
--
V
Output Low Level Voltage
VOLD
FIN=0V, RIN=5V
--
1.3
1.6
V
Constant Current
ICONST
14
22
30
µA
Internal Integral Capacitance
C
--
24
--
pF
Current Pulse Rise Time 1
tr
At startup
--
0.08
1
µs
Current Pulse Fall Time 2
tf
At shutdown
--
0.55
1
µs
Current Pulse Time Differential
tr-f
-160
--
160
µs
Drive Linearity
LIN
VIN=VREF
±0.5, 1, 1.5V *
90
100
110
%
Ripple Rejection
RR
VIN=100mVrms, 100Hz
--
70
--
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com